Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4147 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN4147
Description  Using the SPIRIT1 transceiver under FCC title 47 part 15 in the 315 MHz band
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4147 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN4147 Datasheet HTML 2Page - STMicroelectronics AN4147 Datasheet HTML 3Page - STMicroelectronics AN4147 Datasheet HTML 4Page - STMicroelectronics AN4147 Datasheet HTML 5Page - STMicroelectronics AN4147 Datasheet HTML 6Page - STMicroelectronics AN4147 Datasheet HTML 7Page - STMicroelectronics AN4147 Datasheet HTML 8Page - STMicroelectronics AN4147 Datasheet HTML 9Page - STMicroelectronics AN4147 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Application circuit
AN4147
6/14
Doc ID 023516 Rev 1
2
Application circuit
Figure 1 shows an image of the SPIRIT1 application board. The application is made up of 2
boards: a daughterboard and a motherboard. The daughterboard contains the SPIRIT1 with
the circuits necessary for it to work. For correct functionality, the daughterboard must be
plugged into the motherboard (see
Figure 2) by two header 5x2 connectors (J6 and J7).
The motherboard is provided with an STM32L152VBT6 microcontroller to correctly program
the transceiver. The microcontroller is programmed with firmware developed for the SPIRIT1
application. A graphical user interface (GUI) is developed to correctly program the SPIRIT1.
The daughterboard is provided with a 52 MHz XTAL to provide the correct oscillator to the
SPIRIT1.
The SPIRIT1 has an internal SMPS that drastically reduces power consumption, making it
the best-in-class for applications on this bandwidth. The SMPS is fed from the battery (1.8 V
to 3.6 V) and provides the device with a programmable voltage (1.4 V typical). An SMA
connector is present to connect the board to an antenna or to instrumentation to verify the
correct functionality and verify the ETSI standard request.
A few of passive devices (inductors and capacitors) are used for matching/filtering in the
power amplifier (PA) and balun network for the receiver.
To reduce application costs, the SPIRIT1 is designed to work without an external antenna
switch. The daughterboard is designed to show the SPIRIT1 functionality in this condition.
Clearly, an application with antenna switch can be realized, but this is not described in this
document.
Figure 1.
SPIRIT1 application daughterboard
AM13146v1


Similar Part No. - AN4147

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN414 STMICROELECTRONICS-AN414 Datasheet
283Kb / 14P
   Variable speed drives have become widespread in the home appliance field
AN4140 STMICROELECTRONICS-AN4140 Datasheet
1Mb / 17P
   STLD41 output power capability
logo
Panasonic Semiconductor
AN41400A PANASONIC-AN41400A Datasheet
507Kb / 19P
   1-ch Motor drive IC
AN41402A PANASONIC-AN41402A Datasheet
468Kb / 18P
   2-ch Motor drive IC
logo
STMicroelectronics
AN4141 STMICROELECTRONICS-AN4141 Datasheet
1Mb / 42P
   Migration and compatibility guidelines for STM32W108xx microcontroller applications based on the HAL
More results

Similar Description - AN4147

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4378 STMICROELECTRONICS-AN4378 Datasheet
2Mb / 19P
   Using the BlueNRG transceiver under FCC title 47 part 15
AN4148 STMICROELECTRONICS-AN4148 Datasheet
1Mb / 13P
   Using the SPIRIT1 transceiver under ARIB STD-T93 in the 315 MHz band
AN4133 STMICROELECTRONICS-AN4133 Datasheet
1Mb / 35P
   Using the SPIRIT1 transceiver under ARIB STD-T108 in the 920 MHz band
AN4174 STMICROELECTRONICS-AN4174 Datasheet
2Mb / 21P
   Using the SPIRIT1 transceiver under the ARIB STD-T67 standard in the 426 MHz band
AN4103 STMICROELECTRONICS-AN4103 Datasheet
2Mb / 20P
   Using the SPIRIT1 transceiver under EN 300 220 at 169 MHz
AN4110 STMICROELECTRONICS-AN4110 Datasheet
1Mb / 18P
   Using the SPIRIT1 transceiver under EN 300 220 at 868 MHz
AN4117 STMICROELECTRONICS-AN4117 Datasheet
1Mb / 22P
   Using the SPIRIT1 transceiver under EN 300 220 at 434 MHz
STEVAL-IKR001V2 STMICROELECTRONICS-STEVAL-IKR001V2 Datasheet
244Kb / 4P
   Sub-GHz transceiver development kit based on the SPIRIT1 (315 MHz band)
AN4271 STMICROELECTRONICS-AN4271 Datasheet
1Mb / 20P
   Using the SPIRIT1 transceiver with range extender under EN 300 220 at 868 MHz
AN4305 STMICROELECTRONICS-AN4305 Datasheet
1Mb / 20P
   Using the SPIRIT1 transceiver with range extender
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com