Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4157 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4157
Description  STM32F3DISCOVERY peripheral firmware examples
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4157 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4157 Datasheet HTML 4Page - STMicroelectronics AN4157 Datasheet HTML 5Page - STMicroelectronics AN4157 Datasheet HTML 6Page - STMicroelectronics AN4157 Datasheet HTML 7Page - STMicroelectronics AN4157 Datasheet HTML 8Page - STMicroelectronics AN4157 Datasheet HTML 9Page - STMicroelectronics AN4157 Datasheet HTML 10Page - STMicroelectronics AN4157 Datasheet HTML 11Page - STMicroelectronics AN4157 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
Peripheral firmware examples description
AN4157
8/24
Doc ID 023629 Rev 1
Each time the push-button is pressed, two signals have been selected and monitored on the
DAC Channels:
Escalator waveform (Channel 1) and Sine waveForm (Channel 2).
Noise waveform (Channel 1) and Triangle waveform (Channel 2).
Note:
Use the push-button connected to PA0.
Connect PA4 (DAC Channel1) and PA5 (DAC Channel2) pins to an oscilloscope to monitor
the DAC out waves.
3.4
DMA Flash RAM example
3.4.1
Purpose
This example describes how to use a DMA channel to transfer a word data buffer from the
Flash memory to the embedded SRAM memory.
3.4.2
Description
DMA1 Channel1 is configured to transfer the content of a 32-word data buffer, stored in the
Flash memory, to the reception buffer declared in RAM.
The start of transfer is triggered by software. DMA1 Channel1 memory-to-memory
transfer is enabled as well as source and destination address incrementing.
The transfer is started by setting the Channel enable bit for DMA1 Channel1.
At the end of the transfer, a Transfer Complete interrupt is generated since it is enabled.
Once the interrupt is generated, the remaining data to be transferred is read, it must be
equal to 0. The Transfer Complete Interrupt pending bit is then cleared. A comparison
between the source and destination buffers is done to check that all data have been
correctly transferred.
3.5
DMA RAM DAC example
3.5.1
Purpose
This example provides a description of how to use a DMA channel to transfer data buffer
from RAM memory to DAC.
3.5.2
Description
DMA2 channel3 is configured to transfer continuously, word by word, a 32-word buffer to the
dual DAC register DAC_DHR12RD. Both DAC channels conversions are configured to be
triggered by TIM2 TRGO triggers and without noise/triangle wave generation. 12-bit right
data alignment is selected to be able to access DAC_DHR12RD register.
Note:
Connect the oscilloscope to PA04 and PA05.


Similar Part No. - AN4157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4150 STMICROELECTRONICS-AN4150 Datasheet
1Mb / 20P
   Power MOSFET technology gate current needs in a synchronous buck converter
AN4154 STMICROELECTRONICS-AN4154 Datasheet
1Mb / 21P
   Power supply for energy meter and power line modem
AN4156 STMICROELECTRONICS-AN4156 Datasheet
375Kb / 12P
   Hardware abstraction layer for Android
AN4158 STMICROELECTRONICS-AN4158 Datasheet
988Kb / 34P
   Peak current control with automatic decay adjustment
AN4159 STMICROELECTRONICS-AN4159 Datasheet
652Kb / 27P
   Hardware and software guidelines for use of the LPS331AP
More results

Similar Description - AN4157

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4062 STMICROELECTRONICS-AN4062 Datasheet
517Kb / 17P
   STM32F0DISCOVERY peripheral firmware examples
logo
Panasonic Semiconductor
ELC-09D180DF PANASONIC-ELC-09D180DF Datasheet
136Kb / 7P
   Examples Type 06D
ELC-09D331F PANASONIC-ELC-09D331F Datasheet
136Kb / 7P
   Examples Type 06D
logo
Renesas Technology Corp
R20UT0676EJ1200 RENESAS-R20UT0676EJ1200 Datasheet
131Kb / 11P
   MINICUBE2 Firmware
logo
STMicroelectronics
UM1763 STMICROELECTRONICS-UM1763 Datasheet
424Kb / 16P
   Description of STLUX385A examples kit
UM0097 STMICROELECTRONICS-UM0097 Datasheet
2Mb / 229P
   STR71x firmware library
logo
List of Unclassifed Man...
MXT4400 ETC2-MXT4400 Datasheet
105Kb / 4P
   PortMakerI AAL5 Firmware
logo
Intel Corporation
82802AB INTEL-82802AB Datasheet
471Kb / 53P
   Firmware Hub (FWH)
logo
List of Unclassifed Man...
CX27470 ETC2-CX27470 Datasheet
103Kb / 4P
   PortMakerII AAL5 Firmware
logo
STMicroelectronics
UM0564 STMICROELECTRONICS-UM0564 Datasheet
911Kb / 20P
   Device firmware upgrade
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com