Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S150C-11EG-XX Datasheet(PDF) 5 Page - BetLux Electronics

Part # BL-S150C-11EG-XX
Description  BL-S150C-11
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S150C-11EG-XX Datasheet(HTML) 5 Page - BetLux Electronics

  BL-S150C-11EG-XX Datasheet HTML 1Page - BetLux Electronics BL-S150C-11EG-XX Datasheet HTML 2Page - BetLux Electronics BL-S150C-11EG-XX Datasheet HTML 3Page - BetLux Electronics BL-S150C-11EG-XX Datasheet HTML 4Page - BetLux Electronics BL-S150C-11EG-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S150X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 5 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Packing and weighting
12.8g/pcs
Maximum
32pcs/bag
Maximum
5
Bag/Inner Box
3 Inner Box /Box
9 Inner Box /Box


Similar Part No. - BL-S150C-11EG-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S150C-11E-0 BETLUX-BL-S150C-11E-0 Datasheet
156Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S150C-11E-1 BETLUX-BL-S150C-11E-1 Datasheet
156Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S150C-11E-10 BETLUX-BL-S150C-11E-10 Datasheet
156Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S150C-11E-11 BETLUX-BL-S150C-11E-11 Datasheet
156Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S150C-11E-12 BETLUX-BL-S150C-11E-12 Datasheet
156Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S150C-11EG-XX

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3467 PHOENIX-3467 Datasheet
232Kb / 5P
   BL FPM
logo
Weidmuller
2552090000 WEIDMULLER-2552090000 Datasheet
225Kb / 5P
   A2C 35 BL
logo
Lapp.
52002680 LAPP-52002680 Datasheet
99Kb / 1P
   SKINDICHT® BL
22.11.2018
logo
PHOENIX CONTACT
2400515 PHOENIX-2400515 Datasheet
54Kb / 3P
   Monitor - BL FPM 21.5
2402981 PHOENIX-2402981 Datasheet
449Kb / 9P
   Monitor - BL FPM 18.5
Dec 2, 2022
logo
Weidmuller
2740010000 WEIDMULLER-2740010000 Datasheet
266Kb / 4P
   ATTB 6 BL
2065120000 WEIDMULLER-2065120000 Datasheet
438Kb / 6P
   ALO 6 BL
2502320000 WEIDMULLER-2502320000 Datasheet
429Kb / 5P
   ALO 16 BL
2663260000 WEIDMULLER-2663260000 Datasheet
141Kb / 4P
   A2C 50/70 BL
logo
PHOENIX CONTACT
1755480 PHOENIX-1755480 Datasheet
49Kb / 2P
   Accessories - MSTB-BL BK
11/04/2018
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com