Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-DS40A-21G-XX Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-DS40A-21G-XX
Description  10.20mm (0.40) Dual digit numeric display series. SMD TYPE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-DS40A-21G-XX Datasheet(HTML) 2 Page - BetLux Electronics

  BL-DS40A-21G-XX Datasheet HTML 1Page - BetLux Electronics BL-DS40A-21G-XX Datasheet HTML 2Page - BetLux Electronics BL-DS40A-21G-XX Datasheet HTML 3Page - BetLux Electronics BL-DS40A-21G-XX Datasheet HTML 4Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LED NUMERIC DISPLAY, 2 DIGIT, SMD DISPLAY
BL-DS40X-21
APPROVED : XU L CHECKED :ZHANG WH DRAWN: LI FS
REV NO: V.2
Page 2 of 4
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Absolute maximum ratings (Ta=25°C)
Parameter
S
D
UR
E
Y
G
Unit
Forward Current IF
25
25
25
25
25
30
mA
Power Dissipation Pd
60
60
60
60
60
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C
Absolute maximum ratings (Ta=25°C)
Parameter
UHR
UE
YO
UY
UG
PG
UB
UW
Unit
Forward Current IF
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
75
65
65
65
75
110
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-DS40A-21G-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-DS20A-21 BETLUX-BL-DS20A-21 Datasheet
174Kb / 4P
   5.08mm (0.20) Dual digit numeric display series. SMD TYPE
BL-DS20A-21D-XX BETLUX-BL-DS20A-21D-XX Datasheet
174Kb / 4P
   5.08mm (0.20) Dual digit numeric display series. SMD TYPE
BL-DS20A-21E-XX BETLUX-BL-DS20A-21E-XX Datasheet
174Kb / 4P
   5.08mm (0.20) Dual digit numeric display series. SMD TYPE
BL-DS20A-21G-XX BETLUX-BL-DS20A-21G-XX Datasheet
174Kb / 4P
   5.08mm (0.20) Dual digit numeric display series. SMD TYPE
BL-DS20A-21S-XX BETLUX-BL-DS20A-21S-XX Datasheet
174Kb / 4P
   5.08mm (0.20) Dual digit numeric display series. SMD TYPE
More results

Similar Description - BL-DS40A-21G-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-D40A-23 BETLUX-BL-D40A-23 Datasheet
329Kb / 5P
   10.20mm (0.40) Dual digit numeric display series
BL-T40A-32S BETLUX-BL-T40A-32S Datasheet
127Kb / 4P
   10.20mm (0.40) Three digit numeric display series
BL-T40M-31 BETLUX-BL-T40M-31 Datasheet
327Kb / 5P
   10.20mm (0.40) Three digit numeric display series
logo
Inolux Corporation
HNTD40 INOLUX-HNTD40 Datasheet
1Mb / 17P
   0.40 Dual Digit Numeric Display
logo
BetLux Electronics
BL-D40I-21 BETLUX-BL-D40I-21 Datasheet
321Kb / 5P
   10.20mm (0.40) Dual digit Seven Segment LED display series
BL-D40E-21 BETLUX-BL-D40E-21 Datasheet
330Kb / 5P
   10.20mm (0.40) Dual digit Seven Segment LED display series
BL-D40C-21 BETLUX-BL-D40C-21 Datasheet
330Kb / 5P
   10.20mm (0.40) Dual digit Seven Segment LED display series
logo
BRIGHT LED ELECTRONICS ...
BT-M402RD BRIGHT-BT-M402RD Datasheet
147Kb / 3P
   0.40(10.20MM)THREE DIGIT LED DISPLAY
BT-C403ND BRIGHT-BT-C403ND Datasheet
78Kb / 1P
   0.40(10.20MM)THREE DIGIT LED DISPLAY
logo
Lucky Light Electronic
KW2-403 LUCKY-LIGHT-KW2-403 Datasheet
49Kb / 1P
   LED Numeric Display Dual Digit (0.40)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com