Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3511 Datasheet(PDF) 9 Page - Lucky Light Electronic

Part # PE3511
Description  Divide-by-2 Prescaler
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUCKY-LIGHT [Lucky Light Electronic]
Direct Link  http://www.lucky-light.com
Logo LUCKY-LIGHT - Lucky Light Electronic

PE3511 Datasheet(HTML) 9 Page - Lucky Light Electronic

  PE3511_15 Datasheet HTML 1Page - Lucky Light Electronic PE3511_15 Datasheet HTML 2Page - Lucky Light Electronic PE3511_15 Datasheet HTML 3Page - Lucky Light Electronic PE3511_15 Datasheet HTML 4Page - Lucky Light Electronic PE3511_15 Datasheet HTML 5Page - Lucky Light Electronic PE3511_15 Datasheet HTML 6Page - Lucky Light Electronic PE3511_15 Datasheet HTML 7Page - Lucky Light Electronic PE3511_15 Datasheet HTML 8Page - Lucky Light Electronic PE3511_15 Datasheet HTML 9Page - Lucky Light Electronic  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Product Specification
PE3511
Page 9 of 9
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0106-06
│ www.psemi.com
Sales Offices
The Americas
Peregrine Semiconductor Corporation
9380 Carroll Park Drive
San Diego, CA 92121
Tel: 858-731-9400
Fax: 858-731-9499
Europe
Peregrine Semiconductor Europe
Bâtiment Maine
13-15 rue des Quatre Vents
F-92380 Garches, France
Tel: +33-1-4741-9173
Fax : +33-1-4741-9173
For a list of representatives in your area, please refer to our Web site at: www.psemi.com
Data Sheet Identification
Advance Information
The product is in a formative or design stage. The data
sheet contains design target specifications for product
development. Specifications and features may change in
any manner without notice.
Preliminary Specification
The data sheet contains preliminary data. Additional data
may be added at a later date. Peregrine reserves the right
to change specifications at any time without notice in order
to supply the best possible product.
Product Specification
The data sheet contains final data. In the event Peregrine
decides to change the specifications, Peregrine will notify
customers of the intended changes by issuing a DCN
(Document Change Notice).
The information in this data sheet is believed to be reliable.
However, Peregrine assumes no liability for the use of this
information. Use shall be entirely at the user’s own risk.
No patent rights or licenses to any circuits described in this
data sheet are implied or granted to any third party.
Peregrine’s products are not designed or intended for use in
devices or systems intended for surgical implant, or in other
applications intended to support or sustain life, or in any
application in which the failure of the Peregrine product could
create a situation in which personal injury or death might occur.
Peregrine assumes no liability for damages, including
consequential or incidental damages, arising out of the use of
its products in such applications.
The Peregrine name, logo, and UTSi are registered trademarks
and UltraCMOS and HaRP are trademarks of Peregrine
Semiconductor Corp.
Space and Defense Products
Americas:
Tel: 858-731-9453
Europe, Asia Pacific:
180 Rue Jean de Guiramand
13852 Aix-En-Provence Cedex 3, France
Tel: +33-4-4239-3361
Fax: +33-4-4239-7227
Peregrine Semiconductor, Asia Pacific (APAC)
Shanghai, 200040, P.R. China
Tel: +86-21-5836-8276
Fax: +86-21-5836-7652
Peregrine Semiconductor, Korea
#B-2607, Kolon Tripolis, #210
Geumgok-dong, Bundang-gu, Seongnam-si
Gyeonggi-do, 463-480 S. Korea
Tel: +82-31-728-4300
Fax: +82-31-728-4305
Peregrine Semiconductor K.K., Japan
Teikoku Hotel Tower 10B-6
1-1-1 Uchisaiwai-cho, Chiyoda-ku
Tokyo 100-0011 Japan
Tel: +81-3-3502-5211
Fax: +81-3-3502-5213


Similar Part No. - PE3511_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
More results

Similar Description - PE3511_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
logo
NEC
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
   DIVIDE- BY- 2 PRESCALER
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
   Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
NEC
UPB584B NEC-UPB584B Datasheet
143Kb / 4P
   2.5GHz DIVIDE-BY-2 PRESCALER
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
   3.0 GHz DIVIDE BY 2 PRESCALER
logo
Lucky Light Electronic
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
logo
NEC
UPB582 NEC-UPB582 Datasheet
69Kb / 4P
   DIVIDE-BY-4 PRESCALER
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
PE9303 PEREGRINE-PE9303_15 Datasheet
211Kb / 9P
   Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com