Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4272 Datasheet(PDF) 5 Page - Peregrine Semiconductor Corp.

Part # PE4272
Description  RF Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4272 Datasheet(HTML) 5 Page - Peregrine Semiconductor Corp.

  PE4272_15 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4272_15 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4272_15 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4272_15 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4272_15 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4272_15 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4272_15 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4272_15 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4272_15 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Product Specification
PE4272
©2005 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0173-03
│ www.psemi.com
Page 5 of 11
Figure 7. Insertion Loss: RFC-RF1 @ 3 V
Figure 6. Insertion Loss: RFC-RF1 @ 25 °C
Typical Performance Data
Figure 8. Insertion Loss: RFC-RF2 @ 25 °C
Figure 9. Insertion Loss: RFC-RF2 @ 3 V


Similar Part No. - PE4272_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4272-EK PEREGRINE-PE4272-EK Datasheet
222Kb / 11P
   SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE42720 PSEMI-PE42720 Datasheet
390Kb / 11P
   UltraCMOS SPDT RF Switch
logo
Peregrine Semiconductor...
PE42720 PEREGRINE-PE42720 Datasheet
390Kb / 11P
   UltraCMOS
logo
Peregrine Semiconductor
PE42720 PSEMI-PE42720_14 Datasheet
983Kb / 11P
   UltraCMOS짰 SPDT RF Switch
logo
Peregrine Semiconductor...
PE42720 PEREGRINE-PE42720_15 Datasheet
390Kb / 11P
   SPDT RF Switch
More results

Similar Description - PE4272_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE42440 PEREGRINE-PE42440_15 Datasheet
497Kb / 8P
   RF Switch
logo
Lucky Light Electronic
PE4245 LUCKY-LIGHT-PE4245_15 Datasheet
264Kb / 8P
   RF Switch
PE4251 LUCKY-LIGHT-PE4251_15 Datasheet
225Kb / 9P
   RF Switch
logo
Peregrine Semiconductor...
PE42430 PEREGRINE-PE42430_15 Datasheet
413Kb / 11P
   RF Switch
PE4244 PEREGRINE-PE4244_15 Datasheet
284Kb / 6P
   RF Switch
PE42551 PEREGRINE-PE42551_15 Datasheet
819Kb / 9P
   RF Switch
PE42552 PEREGRINE-PE42552_15 Datasheet
401Kb / 9P
   RF Switch
logo
Lucky Light Electronic
PE4239 LUCKY-LIGHT-PE4239_15 Datasheet
287Kb / 9P
   RF Switch
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237_15 Datasheet
276Kb / 8P
   RF Switch
logo
Spectrum Microwave, Inc...
TWP2225 SPECTRUM-TWP2225 Datasheet
54Kb / 1P
   RF SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com