Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4280 Datasheet(PDF) 2 Page - Peregrine Semiconductor Corp.

Part # PE4280
Description  Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4280 Datasheet(HTML) 2 Page - Peregrine Semiconductor Corp.

  PE4280_15 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4280_15 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4280_15 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4280_15 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4280_15 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4280_15 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4280_15 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4280_15 Datasheet HTML 8Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Product Specification
PE4280
Page 2 of 8
©2010-11 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0164-05
│ UltraCMOS™ RFIC Solutions
Table 2. Pin Descriptions
Table 3. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this UTSi device, observe the
same precautions that you would use with other
ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the rating specified.
Table 4. Operating Ranges @ 25 °C
Figure 3. Pin Configuration (Top View)
No.
Name
Description
1
GND
Ground
2
GND
Ground
31
RF1
RF I/O
44
GND
Ground
5
GND
Ground
6
GND
Ground
74
GND
Ground
81
RFC
Common
94
GND
Ground
10
GND
Ground
11
GND
Ground
124
GND
Ground
131
RF2
RF I/O
14
GND
Ground
15
GND
Ground
162
C2
Control 2
172
C1
Control 1
183
VSS/GND
Negative Supply Option
19
GND
Ground
20
VDD
Supply
Pad
GND
Ground Pad
Notes: 1. RF pins 3, 8, and 13 must be at 0 VDC. The RF pins do not require
DC blocking capacitors for proper operation if the 0 VDC requirement
is met.
2. Pins 16 and 17 are the CMOS controls that set the three operating
states.
3. Connect pin 18 to GND to enable the on-chip negative voltage
generator. Connect pin 18 to VSS (-3 V) to bypass and disable internal
-3 V supply generator. Also, see paragraph "Switching Frequency."
4. Customer can add external resistance to ground to change or modify
termination resistance.
Symbol
Parameter/Condition
Min
Max
Unit
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any DC input
-0.3
VDD +
0.3
V
PRF
RF CW power
24
dBm
TST
Storage temperature
-65
150
° C
TOP
Operating temperature
-40
85
° C
VESD
ESD voltage
(Human Body Model)
1000
V
Parameter
Min
Typ
Max
Unit
VDD Power Supply
2.7
3.0
3.3
V
IDD Power Supply Current
8
20
μA
Control Voltage High
70% VDD
V
Control Voltage Low
30% VDD
V
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be
restricted to the limits in the Operating Ranges
table. Operation between operating range
maximum and absolute maximum for extended
periods may reduce reliability.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the
PE4280 in the 20-lead 4 x 4 x 0.85 mm QFN
package is MSL1.


Similar Part No. - PE4280_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE4280 PSEMI-PE4280_14 Datasheet
882Kb / 8P
   75 廓 SPDT CATV UltraCMOS?
More results

Similar Description - PE4280_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
logo
E-SWITCH
RA1H1C112R E-SWITCH-RA1H1C112R Datasheet
63Kb / 1P
   SWITCH
c
logo
Mini-Circuits
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
   Switch
KSW-2-46 MINI-KSW-2-46 Datasheet
311Kb / 2P
   Switch
ZMSW-1211 MINI-ZMSW-1211 Datasheet
198Kb / 2P
   Switch
logo
Peregrine Semiconductor...
PE42750 PEREGRINE-PE42750_15 Datasheet
450Kb / 10P
   Switch
logo
Lucky Light Electronic
PE4256 LUCKY-LIGHT-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4268 LUCKY-LIGHT-PE4268_15 Datasheet
308Kb / 10P
   Switch
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270_15 Datasheet
428Kb / 8P
   Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com