Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE4306 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE4306
Description  RF Digital Attenuator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4306 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE4306_15 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4306_15 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4306_15 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4306_15 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4306_15 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4306_15 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4306_15 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4306_15 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4306_15 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Product Specification
PE4306
Page 3 of 11
Document No. 70-0160-04
│ www.psemi.com
©2003-2008 Peregrine Semiconductor Corp. All rights reserved.
Figure 8. Attenuation Error Vs. Attenuation
Setting at 10 MHz and 510 MHz
Figure 10. Attenuation Error Vs. Attenuation
Setting at
1510 MHz and 2010 MHz
Figure 9. Attenuation Error Vs. Attenuation
Setting 1010 MHz and 1210 MHz
Figure 7. Attenuation Error Vs. Frequency
-10
-8
-6
-4
-2
0
2
0
500
1000
1500
2000
2500
3000
3500
4000
Frequency (MHz)
31 dB
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
30
35
10 MHz @ 25 C
510 MHz @ 25 C
10 MHz @ -40 C
510 MHz @ -40 C
10 MHz @ 85 C
510 MHz @ 85 C
Attenuation State (dB)
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
30
35
1210 MHZ @ 25 C
1210 MHz @ -40 C
1210 MHz @ 85 C
1010 MHz @ 25 C
1010 MHz @ -40 C
1010 MHz @ 85 C
Attenuation State (dB)
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
30
35
1510 MHz @ 25 C
2010 MHz @ 25 C
1510 MHz @ -40 C
2010 MHz @ -40 C
1510 MHz @ 85 C
2010 MHz @ 85 C
Attenuation State (dB)
Note: Positive attenuation error indicates higher attenuation than target value
Typical Performance Data @ 25°C, VDD = 3.0 V unless otherwise noted


Similar Part No. - PE4306_15

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4306 PASTERNACK-PE4306_16 Datasheet
316Kb / 3P
   TNC Female Bulkhead Mount Isolated Ground Connector Solder Attachment
More results

Similar Description - PE4306_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4307 PEREGRINE-PE4307_15 Datasheet
441Kb / 11P
   RF Digital Attenuator
PE4302 PEREGRINE-PE4302_15 Datasheet
472Kb / 10P
   RF Digital Attenuator
PE4308 PEREGRINE-PE4308_15 Datasheet
504Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43502 PSEMI-PE43502 Datasheet
443Kb / 11P
   RF Digital Attenuator
PE43702 PSEMI-PE43702 Datasheet
471Kb / 11P
   RF Digital Attenuator
PE43703 PSEMI-PE43703 Datasheet
446Kb / 15P
   RF Digital Attenuator
PE4302 PSEMI-PE4302 Datasheet
472Kb / 11P
   RF Digital Attenuator
PE4304 PSEMI-PE4304 Datasheet
535Kb / 11P
   RF Digital Attenuator
logo
Peregrine Semiconductor...
PE43404 PEREGRINE-PE43404_15 Datasheet
529Kb / 10P
   RF Digital Attenuator
logo
Peregrine Semiconductor
PE43404 PSEMI-PE43404 Datasheet
529Kb / 11P
   RF Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com