Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCXO-201CA Datasheet(PDF) 1 Page - Kyocera Kinseki Corpotation

Part # TCXO-201CA
Description  TCXO, VC-TCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

TCXO-201CA Datasheet(HTML) 1 Page - Kyocera Kinseki Corpotation

  TCXO-201CA Datasheet HTML 1Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(VC-)TCXO-201CA
TCXO, VC-TCXO
sFeatures
¡VC-TCXO for Personal Cellular Phone.
¡Because it is leadless type, automatic mounting is possible.
¡Low Profile, Height 2.4mm.
¡Reflow Soldering.
sSpecifications
sOutline
sLand Pattern(reference)
Type
* 1
Item
Standard Frequency
12.8, 13.0, 14.4, 14.85, 15.36, 19.2, 19.68MHz
Frequency Stability
±2.5×10–6/-30~+75: * 2
Aging
±1×10–6 MAX./year
Supply Voltage
+5V
±5% * 3
Supply Current
2.0mA MAX.
Load
10k
Ω//10pF
Output
Level
1VP-P MIN. (DC Blocked)
Frequency Tuning Range
±3×10–6 MIN.
Frequency Deviation/Voltage (only VC-TCXO)
±4×10–6 MIN./+2.5V±2V (Positive)
Capacity
0.27cc
* 1 Please contact us for reflow.
* 2 Frequency Stability
±1.5×10–6/-20~+75: is available.
* 3 Supply voltage of 3.0 VDC is available.
TCXO-201CA
VC-TCXO-201CA
8
7
1
5
6
4
9.6
±0.3
1.0
±0.1
1.0
±0.1
8-R0.25
CONNECTION
1:NC
4:GND
5:OUTPUT
6:GND
7:VC VC-TCXO
NC TCXO
8:+DC
1.3
0.5
1.3
9.6
0.5
Dimensions(mm)
(VC-)TCXO-201CA


Similar Part No. - TCXO-201CA

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
More results

Similar Description - TCXO-201CA

ManufacturerPart #DatasheetDescription
logo
Epson Company
TG-5031CJ EPSON-TG-5031CJ Datasheet
374Kb / 2P
   TCXO/VC-TCXO
logo
Kyocera Kinseki Corpota...
TCXO-204C2 KSS-TCXO-204C2 Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-205CA KSS-TCXO-205CA Datasheet
127Kb / 1P
   TCXO, VC-TCXO
TCXO-208C KSS-TCXO-208C Datasheet
159Kb / 1P
   TCXO, VC-TCXO
logo
ECS, Inc.
ECS-TXO-3225 ECS-ECS-TXO-3225 Datasheet
127Kb / 1P
   HCMOS TCXO/VC-TCXO
ECS-TXO-5032 ECS-ECS-TXO-5032 Datasheet
135Kb / 1P
   HCMOS TCXO/VC-TCXO
VC-TXO-35SM ECS-VC-TXO-35SM Datasheet
369Kb / 1P
   VC-TCXO
VC-TXO-39SMX ECS-VC-TXO-39SMX Datasheet
97Kb / 2P
   VC-TCXO
logo
Seiko Instruments Inc
TG2016SBN SII-TG2016SBN Datasheet
648Kb / 2P
   TCXO/VC-TCXO HIGH STABILITY
TG1612SAN SII-TG1612SAN Datasheet
555Kb / 2P
   TCXO/VC-TCXO HIGH STABILITY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com