Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE42750 Datasheet(PDF) 1 Page - Peregrine Semiconductor Corp.

Part # PE42750
Description  Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE42750 Datasheet(HTML) 1 Page - Peregrine Semiconductor Corp.

  PE42750_15 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE42750_15 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE42750_15 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE42750_15 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE42750_15 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE42750_15 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE42750_15 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE42750_15 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE42750_15 Datasheet HTML 9Page - Peregrine Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Document No. 70-0334-07 │ www.psemi.com
Page 1 of 10
©2010-2012 Peregrine Semiconductor Corp. All rights reserved.
The PE42750 is an SPDT UltraCMOS® Switch designed
for Broadband applications such as CATV, DTV, Multi-
Tuner Digital Video Recorder (DVR ), Set-top Box, PCTV
and Video Game Consoles. The PE42750 meets FCC
15.115 specification of 80 dB isolation at 216 MHz in
both powered and unpowered states. The PE42750
covers a broad frequency range from 5 MHz to 2200
MHz with a single positive supply and CMOS control.
The PE42750 provides a smaller, cost effective, more
reliable and manufacturable alternative to mechanical
relays in set-top box applications.
The PE42750 is manufactured using Peregrine’s
UltraCMOS® process, a patented variation of silicon-on-
insulator (SOI) technology on a sapphire substrate,
offering the performance of GaAs with the economy and
integration of conventional CMOS.
Product Specification
75 Ω Terminated 5 - 2200 MHz SPDT
CATV UltraCMOS® Switch
Featuring Unpowered Operation
Product Description
PE42750
Features
Meets FCC 15.115 isolation specification
All ports terminated when unpowered
2000V HBM ESD tolerance, all ports
High isolation: 63 dB at 1000 MHz
Low insertion loss, typical:
0.7 dB at 5 MHz
1.0 dB at 1000 MHz
CMOS single-pin control with logic select
Single +3 volt supply operation
Low current consumption: 8 μA
Absorptive Switch Design
Figure 1. Functional Diagram
12-lead 3 x 3 x 0.75 mm QFN
Figure 2. Package Type
Peregrine Specification 71-0013


Similar Part No. - PE42750_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42750 PSEMI-PE42750_14 Datasheet
1Mb / 10P
   75 廓 Terminated 5 - 2200 MHz SPDT CATV UltraCMOS짰 Switch
More results

Similar Description - PE42750_15

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
   Switch
logo
Mini-Circuits
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
   Switch
logo
E-SWITCH
RA1H1C112R E-SWITCH-RA1H1C112R Datasheet
63Kb / 1P
   SWITCH
c
logo
Mini-Circuits
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
   Switch
KSW-2-46 MINI-KSW-2-46 Datasheet
311Kb / 2P
   Switch
ZMSW-1211 MINI-ZMSW-1211 Datasheet
198Kb / 2P
   Switch
logo
Lucky Light Electronic
PE4256 LUCKY-LIGHT-PE4256_15 Datasheet
295Kb / 8P
   Switch
PE4268 LUCKY-LIGHT-PE4268_15 Datasheet
308Kb / 10P
   Switch
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270_15 Datasheet
428Kb / 8P
   Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com