Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4409 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN4409
Description  Using the same antenna for M24LRXXE-R and M24SRXX-Y Dual Interface EEPROM families
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4409 Datasheet(HTML) 2 Page - STMicroelectronics

  AN4409 Datasheet HTML 1Page - STMicroelectronics AN4409 Datasheet HTML 2Page - STMicroelectronics AN4409 Datasheet HTML 3Page - STMicroelectronics AN4409 Datasheet HTML 4Page - STMicroelectronics AN4409 Datasheet HTML 5Page - STMicroelectronics AN4409 Datasheet HTML 6Page - STMicroelectronics AN4409 Datasheet HTML 7Page - STMicroelectronics AN4409 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Antenna tuning frequency and performance
AN4409
2/8
DocID025583 Rev 1
1
Antenna tuning frequency and performance
M24LRXXE-R and M24SRXX-Y ICs are passive RFID memories powered by the RF
magnetic field generated by the reader. Tag to reader communication is achieved by mean
of M24SRXX-R and M24SRXX-Y impedance modulation mechanism, called load
modulation or backscattering.
Maximizing the tag operating distance requires maximizing the powering distance but also
the tag to reader link. To achieve these requirements, STMicroelectronics recommends a
tuning frequency:
13.56MHz and 14MHz for RFID tags based on M24LRXXE-R family,
14MHz and 14.4MHz for RFID tags based on M24SRXX-R family.


Similar Part No. - AN4409

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN440 STMICROELECTRONICS-AN440 Datasheet
102Kb / 8P
   QII and QIII TRIAC triggering with positive power supply
AN4402 STMICROELECTRONICS-AN4402 Datasheet
663Kb / 39P
   Multichannel drivers driving inductive loads
AN4406 STMICROELECTRONICS-AN4406 Datasheet
658Kb / 27P
   new ST super-junction technology ideal for resonant topologies
logo
Panasonic Semiconductor
AN44063A PANASONIC-AN44063A Datasheet
300Kb / 11P
   Driver IC for Stepping Motor
AN44063A PANASONIC-AN44063A Datasheet
387Kb / 1P
   Stepper Motor Driver IC?셲 From Panasonic
More results

Similar Description - AN4409

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN3002 STMICROELECTRONICS-AN3002 Datasheet
324Kb / 22P
   Description of the M24LRxx-R and M24LRxxE-R dual interface
ANT3-M24LR-A STMICROELECTRONICS-ANT3-M24LR-A Datasheet
64Kb / 3P
   SMD-inductor based antenna reference board for the M24LR64-R Dual Interface EEPROM
ROBOT-M24LR16E-A STMICROELECTRONICS-ROBOT-M24LR16E-A Datasheet
147Kb / 5P
   Evaluation board for the M24LR16E-R dual interface EEPROM
UM2053 STMICROELECTRONICS-UM2053 Datasheet
290Kb / 10P
   14 mm x 14 mm antenna reference board for the M24SR64-Y dual interface EEPROM
April 2016 Rev 1
AN4326 STMICROELECTRONICS-AN4326 Datasheet
517Kb / 17P
   Increasing the M24LRXXE-R family ESD robustness on antenna using an external ESD protection
DATALOG-M24LR-A STMICROELECTRONICS-DATALOG-M24LR-A Datasheet
68Kb / 4P
   Datalogger reference board for the M24LR64-R Dual Interface EEPROM
ANT1-M24LR16E STMICROELECTRONICS-ANT1-M24LR16E Datasheet
146Kb / 4P
   45 mm x 75 mm antenna reference board for the M24LR16E-R Dual Interface EEPROM
ANT2-M24LR-A STMICROELECTRONICS-ANT2-M24LR-A Datasheet
65Kb / 3P
   20 mm x 40 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
ANT1-M24LR-A STMICROELECTRONICS-ANT1-M24LR-A Datasheet
78Kb / 3P
   45 mm x 75 mm antenna reference board for the M24LR64-R Dual Interface EEPROM
ANT2-M24LR16E STMICROELECTRONICS-ANT2-M24LR16E Datasheet
144Kb / 4P
   20 mm x 40 mm antenna reference board for the M24LR16E-R Dual Interface EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com