Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4486 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4486
Description  This application note describes the BlueNRG and BlueNRG-MS over-the-air
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4486 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4486 Datasheet HTML 6Page - STMicroelectronics AN4486 Datasheet HTML 7Page - STMicroelectronics AN4486 Datasheet HTML 8Page - STMicroelectronics AN4486 Datasheet HTML 9Page - STMicroelectronics AN4486 Datasheet HTML 10Page - STMicroelectronics AN4486 Datasheet HTML 11Page - STMicroelectronics AN4486 Datasheet HTML 12Page - STMicroelectronics AN4486 Datasheet HTML 13Page - STMicroelectronics AN4486 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
OTA bootloader service description
AN4486
10/29
DocID026293 Rev 2
for BlueNRG demo lower applications using BLE OTA bootloader service" and Table 3:
"LEDs for BlueNRG demo higher applications using BLE OTA bootloader service".
Table 2: LEDs for BlueNRG demo lower applications using BLE OTA bootloader service
BlueNRG, BlueNRG-MS development
platforms (lower application with OTA
bootloader service)
BlueNRG, BlueNRG-MS USB dongles (lower
application with OTA bootloader service)
DL1 (yellow) is always blinking(1)
D2 (red) is always blinking (1)
DL2 (orange) is ON during OTA upgrade
D3 (orange) is ON during OTA upgrade
Notes:
(1)When device is connected, the LED blinks faster.
Table 3: LEDs for BlueNRG demo higher applications using BLE OTA bootloader service
BlueNRG, BlueNRG-MS development
platforms (higher Application with OTA
bootloader service)
BlueNRG, BlueNRG-MS USB dongles
(higher application with OTA bootloader
service)
DL2 (orange) is always blinking (1)
D3 (orange) is always blinking (1)
DL1 (yellow) is ON during OTA upgrade
D2 (red) is ON during OTA upgrade
Notes:
(1)When device is connected, the LED blinks faster.
2.2.3
New BLE application
New BLE application can be built for supporting the BLE OTA bootloader service in order to
offer the OTA bootloading capability (beyond its specific BLE application scenario which
involves using other BLE services and related characteristics). Users can follow the same
steps as described on Section 2.2.2: "BLE application with BLE OTA service".
If the BLE application is built to reside on the higher Flash (refer to higher application in
Figure 3: "BLE OTA service bootloader Flash layout"), the HIGHER_APP preprocessor &
linker options must be used. BlueNRG demo applications built with OTA bootloader service
support are tailored for using 0x0800e000 as reference base address for higher
Application. The related vector table base offset 0xe000 is defined, within file btl.h, as
follows:
VECTOR_TABLE_BASE_DFU_OFFSET +
VECTOR_TABLE_BASE_HIGHER_APP_OFFSET
where:
VECTOR_TABLE_BASE_DFU_OFFSET = 0x3000 (DFU size).
VECTOR_TABLE_BASE_HIGHER_APP_OFFSET = 0xB000 (User defined location).
The user can customize it by modifying the linker file and base address
VECTOR_TABLE_BASE_HIGHER_APP_OFFSET on file btl.h.
Note: If HIGHER_APP preprocessor & linker options are not used, the BLE application is
built, by default, for residing at default base address: 0x08003800.
The related vector table base offset 0x3800 is defined, within file btl.h, as follows:
VECTOR_TABLE_BASE_DFU_OFFSET +
VECTOR_TABLE_BASE_RESET_MANAGER_OFFSET


Similar Part No. - AN4486

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4488 STMICROELECTRONICS-AN4488 Datasheet
968Kb / 44P
   Getting started with STM32F4xxxx MCU hardware development
More results

Similar Description - AN4486

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4494 STMICROELECTRONICS-AN4494 Datasheet
839Kb / 34P
   Bringing up the BlueNRG and BlueNRG-MS devices
AN4630 STMICROELECTRONICS-AN4630 Datasheet
1Mb / 33P
   PCB design guidelines for the BlueNRG and BlueNRG-MS devices
UM1868 STMICROELECTRONICS-UM1868 Datasheet
394Kb / 19P
   BlueNRG and BlueNRG-MS information register
AN2690 STMICROELECTRONICS-AN2690 Datasheet
1Mb / 31P
   This application note describes the characteristics and the features
AN3014 STMICROELECTRONICS-AN3014 Datasheet
1,010Kb / 29P
   This application note describes the characteristics and the features
AN3423 STMICROELECTRONICS-AN3423 Datasheet
93Kb / 13P
   This application note describes the operations
AN3233 STMICROELECTRONICS-AN3233 Datasheet
2Mb / 35P
   This application note describes the characteristics
AN2941 STMICROELECTRONICS-AN2941 Datasheet
1Mb / 37P
   This application note describes the characteristics and the features
AN3089 STMICROELECTRONICS-AN3089 Datasheet
649Kb / 25P
   This application note describes the characteristics
AN2970 STMICROELECTRONICS-AN2970 Datasheet
378Kb / 11P
   This application note describes the ProxSense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com