Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBRT3U40P1 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # SBRT3U40P1
Description  3A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰123
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT3U40P1 Datasheet(HTML) 3 Page - Diodes Incorporated

  SBRT3U40P1_15 Datasheet HTML 1Page - Diodes Incorporated SBRT3U40P1_15 Datasheet HTML 2Page - Diodes Incorporated SBRT3U40P1_15 Datasheet HTML 3Page - Diodes Incorporated SBRT3U40P1_15 Datasheet HTML 4Page - Diodes Incorporated SBRT3U40P1_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SBR and POWERDI are registered trademarks of Diodes Incorporated.
SBRT3U40P1
Document number: DS36535 Rev. 5 - 2
3 of 5
www.diodes.com
December 2014
© Diodes Incorporated
SBRT3U40P1
0.01
0.1
1
10
100
1000
10000
100000
0
10
20
30
40
V , REVERSE VOLTAGE (V)
R
Figure 3 Typical Reverse Characteristics
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
T = -55°C
A
10
100
1000
10000
0
10
20
30
40
V , REVERSE VOLTAGE (V)
R
Figure 4 Typical Junction Capacitance
f = 1MHz
0
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (°C)
A
Figure 5 Forward Current Derating Curve
0.0
1.0
2.0
3.0
4.0
Note 5
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
10000
t1, PULSE DURATION TIME (sec)
Figure 6 Transient Thermal Resistance
R
(t) = r(t) * R
R
= 138°C/W
Duty Cycle, D = t1/ t2

JA
JA
JA
R
(t) = r(t) * R
R
= 138°C/W
Duty Cycle, D = t1/ t2

JA
JA
JA
D = 0.5
D = 0.7
D = 0.9
D = 0.3
D = 0.1
D = 0.05
D = 0.02
D = 0.01
D = 0.005
D = Single Pulse


Similar Part No. - SBRT3U40P1_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT3U40P1-7 DIODES-SBRT3U40P1-7 Datasheet
766Kb / 5P
   3A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER PowerDI123
September 2021
SBRT3U40P1Q-7 DIODES-SBRT3U40P1Q-7 Datasheet
766Kb / 5P
   3A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER PowerDI123
September 2021
More results

Similar Description - SBRT3U40P1_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT3M40P1 DIODES-SBRT3M40P1_15 Datasheet
508Kb / 5P
   3A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI짰123
SBRT3U60SAF DIODES-SBRT3U60SAF Datasheet
340Kb / 5P
   3A Trench SBR TRENCH SUPER BARRIER RECTIFIER
May 2016
SBRT3U40P1 DIODES-SBRT3U40P1 Datasheet
766Kb / 5P
   3A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER PowerDI123
September 2021
SBRT3U60P1 DIODES-SBRT3U60P1 Datasheet
324Kb / 5P
   3A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI
SBRT3M40P1 DIODES-SBRT3M40P1 Datasheet
508Kb / 5P
   3A Trench SBR TRENCH SUPER BARRIER RECTIFIER POWERDI®123
December 2014
SBRT40M80CTB DIODES-SBRT40M80CTB Datasheet
628Kb / 5P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT05U10LP DIODES-SBRT05U10LP Datasheet
194Kb / 5P
   0.5A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT6U20LP DIODES-SBRT6U20LP Datasheet
212Kb / 5P
   6A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
SBRT40V100CT DIODES-SBRT40V100CT_15 Datasheet
210Kb / 5P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT5A50SA DIODES-SBRT5A50SA Datasheet
224Kb / 5P
   5A Trench SBR TRENCH SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com