Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBRT4U30LP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBRT4U30LP
Description  4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT4U30LP Datasheet(HTML) 4 Page - Diodes Incorporated

  SBRT4U30LP_15 Datasheet HTML 1Page - Diodes Incorporated SBRT4U30LP_15 Datasheet HTML 2Page - Diodes Incorporated SBRT4U30LP_15 Datasheet HTML 3Page - Diodes Incorporated SBRT4U30LP_15 Datasheet HTML 4Page - Diodes Incorporated SBRT4U30LP_15 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SBRT4U30LP
Document number: DS37464 Rev. 6 - 2
4 of 5
www.diodes.com
March 2015
© Diodes Incorporated
SBRT4U30LP
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
U-DFN2020-2
(Type B)
Dim
Min
Max
Typ
A
0.47
 0.53
0.50
A1
0.00
0.05
0.02
b
1.55
1.65
1.60
D
1.95
2.05
2.00
D2
1.50
1.70
1.60
E
1.95
2.05
2.00
E2
1.22
1.42
1.32
k
0.25 BSC
L
0.23
0.33
0.28
Z
0.20 BSC
Z1
0.075 BSC
All Dimensions in mm
Dimensions
Value
(in mm)
G
0.150
X
1.700
X1
1.700
Y
0.480
Y1
1.520
Y2
2.150
X
Y
Y1
X1
Y2
G
A
Seating Plane
D
D2
E
L
Z
b
A1
E2
k
Z1


Similar Part No. - SBRT4U30LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT4U30LP-7 DIODES-SBRT4U30LP-7 Datasheet
680Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
August 2022
More results

Similar Description - SBRT4U30LP_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT4M30LP DIODES-SBRT4M30LP_15 Datasheet
375Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT4M30LP DIODES-SBRT4M30LP Datasheet
495Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
SBRT4U45LP DIODES-SBRT4U45LP_15 Datasheet
540Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT4U10LP DIODES-SBRT4U10LP Datasheet
495Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
SBRT4U15LP DIODES-SBRT4U15LP Datasheet
523Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
SBRT4U30LP DIODES-SBRT4U30LP Datasheet
680Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
August 2022
SBRT4U45LP DIODES-SBRT4U45LP Datasheet
505Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
SBRT4U10LP DIODES-SBRT4U10LP_15 Datasheet
247Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT4U15LP DIODES-SBRT4U15LP_15 Datasheet
429Kb / 5P
   4A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3M60SA DIODES-SBRT3M60SA_15 Datasheet
507Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com