Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBRT40V100CT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBRT40V100CT
Description  40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT40V100CT Datasheet(HTML) 2 Page - Diodes Incorporated

  SBRT40V100CT Datasheet HTML 1Page - Diodes Incorporated SBRT40V100CT Datasheet HTML 2Page - Diodes Incorporated SBRT40V100CT Datasheet HTML 3Page - Diodes Incorporated SBRT40V100CT Datasheet HTML 4Page - Diodes Incorporated SBRT40V100CT Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBRT40V100
Document number: DS36246 Rev. 7 - 2
2 of 5
www.diodes.com
April 2015
© Diodes Incorporated
SBRT40V100CT
SBRT40V100CTFP
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
100
V
Average Rectified Output Current
(Per Leg)
(Total)
IO
20
40
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load (Per Leg)
IFSM
180
A
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient
TO220 (Note 5)
ITO220 (Note 6)
RθJC
1
2
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (Per Leg) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop (Note 7)
VF
0.41
0.52
0.67
0.58
0.73
0.65
V
IF = 5A, TJ = +25°C
IF = 10A, TJ = +25°C
IF = 20A, TJ = +25°C
IF = 20A, TJ = +125°C
Leakage Current (Note 7)
IR
0.07
20
0.3
mA
VR = 100V, TJ = +25°C
VR = 100V, TJ = +125°C
Notes:
5. Test with additional heatsink (Black Aluminum, 37 x 50 x 15mm).
6. Test with additional heatsink (Aluminum, 80mm x 48mm x 36mm).
7. Short duration pulse test used to minimize self-heating effect.
I , AVERAGE RECTIFIED OUTPUT CURRENT (A)
Figure 1 Forward Power Dissipation
O
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
T = 150
J
Notes 5 & 6
V , INSTANTANEOUS FORWARD VOLTAGE (mV)
F
Figure 2 Typical Forward Characteristics
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A
0.0001
0.001
0.01
0.1
1
10
100
0
100
200
300
400
500
600
700
T = -55°C
A


Similar Part No. - SBRT40V100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT40V100CT DIODES-SBRT40V100CT Datasheet
277Kb / 6P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT40V100CTE DIODES-SBRT40V100CTE Datasheet
277Kb / 6P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT40V100CTFP DIODES-SBRT40V100CTFP Datasheet
277Kb / 6P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT40V100CT DIODES-SBRT40V100CT_16 Datasheet
277Kb / 6P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
More results

Similar Description - SBRT40V100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT40M80CTB DIODES-SBRT40M80CTB Datasheet
628Kb / 5P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT40V100CT DIODES-SBRT40V100CT_16 Datasheet
277Kb / 6P
   40A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT05U10LP DIODES-SBRT05U10LP Datasheet
194Kb / 5P
   0.5A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT6U20LP DIODES-SBRT6U20LP Datasheet
212Kb / 5P
   6A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
SBRT5A50SA DIODES-SBRT5A50SA Datasheet
224Kb / 5P
   5A Trench SBR TRENCH SUPER BARRIER RECTIFIER
SBRT6U10LP DIODES-SBRT6U10LP Datasheet
259Kb / 6P
   6A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
SBRT6U45LP DIODES-SBRT6U45LP Datasheet
260Kb / 5P
   6A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
SBRT3U60SAF DIODES-SBRT3U60SAF Datasheet
340Kb / 5P
   3A Trench SBR TRENCH SUPER BARRIER RECTIFIER
May 2016
SBRT05U20LPS DIODES-SBRT05U20LPS Datasheet
303Kb / 5P
   0.5A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER
March 2017
SBRT3U40P1 DIODES-SBRT3U40P1 Datasheet
766Kb / 5P
   3A TRENCH SBR TRENCH SUPER BARRIER RECTIFIER PowerDI123
September 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com