Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBRT3U45SA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBRT3U45SA
Description  3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBRT3U45SA Datasheet(HTML) 2 Page - Diodes Incorporated

  SBRT3U45SA_15 Datasheet HTML 1Page - Diodes Incorporated SBRT3U45SA_15 Datasheet HTML 2Page - Diodes Incorporated SBRT3U45SA_15 Datasheet HTML 3Page - Diodes Incorporated SBRT3U45SA_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SBRT3U45SA
Document number: DS36888 Rev. 3 - 2
2 of 4
www.diodes.com
April 2014
© Diodes Incorporated
SBRT3U45SA
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
45
V
Average Rectified Output Current
IO
3
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
50
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance Junction to Ambient (Note 5)
RθJA
66
°C/W
Typical Thermal Resistance Junction to Case (Note 5)
RθJC
30
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
0.42
0.48
0.46
V
IF = 3A, TJ = +25°C
IF = 3A, TJ = +125°C
Leakage Current (Note 6)
IR
30
150
40
μA
mA
VR = 45V, TJ = +25°C
VR = 45V, TJ = +125°C
Notes:
5. Device mounted on FR-4 substate, 0.4"*0.5", 2oz, single-sided, PC boards with 0.2"*0.25" copper pad.
6. Short duration pulse test used to minimize self-heating effect.
0
0.2
0.4
0.6
0.8
1.2
1.4
1.6
01
2
3
4
T = 150
J
1.0
I , AVERAGE RECTIFIED OUTPUT CURRENT (A)
Figure 1 Forward Power Dissipation
O
Note 5
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Figure 2 Typical Forward Characteristics
0.01
0.1
1
10
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
T = -55°C
A
T = 85°C
A
T = 100°C
A
T = 125°C
A
T = 150°C
A
T = 25°C
A


Similar Part No. - SBRT3U45SA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT3U45SA-13 DIODES-SBRT3U45SA-13 Datasheet
251Kb / 4P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2014
More results

Similar Description - SBRT3U45SA_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBRT3M60SA DIODES-SBRT3M60SA_15 Datasheet
507Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3M30LP DIODES-SBRT3M30LP Datasheet
227Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3M60SA DIODES-SBRT3M60SA Datasheet
640Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
SBRT3U60SA DIODES-SBRT3U60SA_15 Datasheet
513Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3M30LP DIODES-SBRT3M30LP_15 Datasheet
204Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3M40SA DIODES-SBRT3M40SA_15 Datasheet
251Kb / 4P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
SBRT3U45SA DIODES-SBRT3U45SA Datasheet
251Kb / 4P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2014
SBRT3U45SAF DIODES-SBRT3U45SAF Datasheet
345Kb / 4P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2014
SBRT3M40SA DIODES-SBRT3M40SA Datasheet
380Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
SBRT3U60SA DIODES-SBRT3U60SA Datasheet
640Kb / 5P
   3A TrenchSBR TRENCH SUPER BARRIER RECTIFIER
April 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com