Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TN1163 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TN1163
Description  Description of WLCSP for microcontrollers and recommendations for use
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN1163 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TN1163 Datasheet HTML 6Page - STMicroelectronics TN1163 Datasheet HTML 7Page - STMicroelectronics TN1163 Datasheet HTML 8Page - STMicroelectronics TN1163 Datasheet HTML 9Page - STMicroelectronics TN1163 Datasheet HTML 10Page - STMicroelectronics TN1163 Datasheet HTML 11Page - STMicroelectronics TN1163 Datasheet HTML 12Page - STMicroelectronics TN1163 Datasheet HTML 13Page - STMicroelectronics TN1163 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Packing specifications and labelling description
TN1163
10/21
DocID025707 Rev 2
3
Packing specifications and labelling description
WLCSP devices are delivered in tape and reel to be fully compatible with standard high
volume SMD components. All tape and reel characteristics are compliant with EIA-481-C
and IEC 60286-3 standards and EIA 763 (783).
3.1
Carrier tape
The WLCSP are placed in carrier tapes with their ball side facing the bottom of the cavity so
that the devices can be picked up by their flat side. No flipping of the package is required for
mounting on the PCB. The devices are positioned in the carrier tape with pin A1 on the
sprocket hole side.
An example of carrier tape mechanical dimensions is shown in Figure 4. The standard tape
width is 8 mm for die size smaller than 3 mm (dimension B0).
Note:
12 mm carrier tape width may be used for larger die size to be in line with EIA standards.
Figure 4. Typical tape dimensions for WLCSPs
The cavities in the carrier tape have been designed to avoid damaging the components. No
hole is present in the cavity to avoid any impact or any external contamination of the solder
bumps. Refer to Table 3 for the cavity dimension according to the die size.
The embossed carrier tape is in a black conductive material (surface resistivity within 10E4
and 10E8
Ω/sq). Using this material prevents the component from being damaged by
electrostatic discharge and ensures the total discharge of the component prior to the
placement on the PCB. Conductivity is guaranteed to be constant and is not affected by
shelf life or humidity. The material does not break when bent and does not have any powder
or flake residue that rubs off.


Similar Part No. - TN1163

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
TN1112 LATTICE-TN1112 Datasheet
471Kb / 6P
   Input Hysteresis in Lattice CPLD and FPGA Devices
logo
Bothhand USA, LP.
TN1142B BOTHHAND-TN1142B Datasheet
289Kb / 1P
   10/100 BASE-TX TRANSFORMER MODULES
logo
STMicroelectronics
TN1156 STMICROELECTRONICS-TN1156 Datasheet
663Kb / 10P
   Irradiated HV Power MOSFETs working in linear zone
TN1171 STMICROELECTRONICS-TN1171 Datasheet
580Kb / 26P
   Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
TN1173 STMICROELECTRONICS-TN1173 Datasheet
336Kb / 23P
   Packing information for IPAD?? protection, rectifiers, thyristors and AC Switches
November 2016 Rev 4
More results

Similar Description - TN1163

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN0991 STMICROELECTRONICS-TN0991 Datasheet
727Kb / 21P
   Description of WLCSP for STMicroelectronics EEPROMs and recommendations for use
TN1200 STMICROELECTRONICS-TN1200 Datasheet
286Kb / 16P
   package description and recommendations for use
AN1235 STMICROELECTRONICS-AN1235 Datasheet
257Kb / 14P
   package description and recommendations for use
AN4208 STMICROELECTRONICS-AN4208 Datasheet
288Kb / 16P
   package description and recommendations for use
AN2348 STMICROELECTRONICS-AN2348 Datasheet
267Kb / 17P
   package description and recommendations for use
TN1171 STMICROELECTRONICS-TN1171 Datasheet
580Kb / 26P
   Description of UFDFPN5, UFDFPN8 and WFDFPN8 for STMicroelectronics EEPROMs and recommendations for use
AN2639 STMICROELECTRONICS-AN2639 Datasheet
522Kb / 15P
   Soldering recommendations and package information for Lead-free ECOPACK microcontrollers
logo
NXP Semiconductors
AN11689 NXP-AN11689 Datasheet
1Mb / 18P
   Recommendations for PCB assembly of DSN1006
Rev. 1-29 July 2015
logo
Analog Devices
AN-0971 AD-AN-0971 Datasheet
439Kb / 20P
   Recommendations for Control of Radiated Emissions with isoPower Devices
REV. B
AN-1109 AD-AN-1109 Datasheet
645Kb / 20P
   Recommendations for Control of Radiated Emissions with iCoupler Devices
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com