Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1032EA Datasheet(PDF) 6 Page - Lattice Semiconductor

Part # 1032EA
Description  In-System Programmable High Density PLD
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1032EA Datasheet(HTML) 6 Page - Lattice Semiconductor

Back Button 1032EA Datasheet HTML 2Page - Lattice Semiconductor 1032EA Datasheet HTML 3Page - Lattice Semiconductor 1032EA Datasheet HTML 4Page - Lattice Semiconductor 1032EA Datasheet HTML 5Page - Lattice Semiconductor 1032EA Datasheet HTML 6Page - Lattice Semiconductor 1032EA Datasheet HTML 7Page - Lattice Semiconductor 1032EA Datasheet HTML 8Page - Lattice Semiconductor 1032EA Datasheet HTML 9Page - Lattice Semiconductor 1032EA Datasheet HTML 10Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Specifications ispLSI 1032EA
tpd1
UNITS
TEST
COND.
1. Unless noted otherwise, all parameters use a GRP load of four GLBs, 20 PTXOR path, ORP and Y0 clock.
2. Refer to Timing Model in this data sheet for further details.
3. Standard 16-bit counter using GRP feedback.
4. Reference Switching Test Conditions section.
Table 2-0030A/1032EA
v.2.4
1
4
3
1
tsu2 + tco1
(
)
-170
MIN. MAX.
DESCRIPTION
#
2
PARAMETER
A
1
Data Propagation Delay, 4PT Bypass, ORP Bypass
5.0
ns
tpd2
A
2
Data Propagation Delay, Worst Case Path
ns
fmax (Int.)
A
3
Clock Frequency with Internal Feedback
170
MHz
fmax (Ext.)
4
Clock Frequency with External Feedback
MHz
fmax (Tog.)
5
Clock Frequency, Max. Toggle
MHz
tsu1
6
GLB Reg. Setup Time before Clock,4 PT Bypass
ns
tco1
A
7
GLB Reg. Clock to Output Delay, ORP Bypass
ns
th1
8
GLB Reg. Hold Time after Clock, 4 PT Bypass
ns
tsu2
9
GLB Reg. Setup Time before Clock
ns
tco2
10
GLB Reg. Clock to Output Delay
ns
th2
11
GLB Reg. Hold Time after Clock
ns
tr1
A
12
Ext. Reset Pin to Output Delay
ns
trw1
13
Ext. Reset Pulse Duration
ns
tptoeen
B
14
Input to Output Enable
ns
tptoedis
C
15
Input to Output Disable
ns
twh
18
External Synchronous Clock Pulse Duration, High
2.25
ns
twl
19
External Synchronous Clock Pulse Duration, Low
2.25
ns
tsu3
20
I/O Reg. Setup Time before Ext. Sync Clock (Y2, Y3)
ns
th3
21
I/O Reg. Hold Time after Ext. Sync. Clock (Y2, Y3)
ns
125
222
3.5
0.0
4.5
0.0
4.0
3.0
0.0
7.0
3.5
4.5
7.0
9.0
9.0
(
)
1
twh + twl
tgoeen
B
16
Global OE Output Enable
ns
6.5
tgoedis
C
17
Global OE Output Disable
ns
6.5
-200
MIN. MAX.
4.5
200
2.0
2.0
143
250
3.0
0.0
3.5
0.0
3.5
3.0
0.0
6.0
3.5
4.0
5.5
7.0
7.0
4.5
4.5
External Timing Parameters
Over Recommended Operating Conditions


Similar Part No. - 1032EA

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1032E LATTICE-1032E Datasheet
164Kb / 16P
   In-System Programmable High Density PLD
1032E-100LJ LATTICE-1032E-100LJ Datasheet
212Kb / 16P
   High-Density Programmable Logic
1032E-100LT LATTICE-1032E-100LT Datasheet
212Kb / 16P
   High-Density Programmable Logic
1032E-125LJ LATTICE-1032E-125LJ Datasheet
212Kb / 16P
   High-Density Programmable Logic
1032E-125LT LATTICE-1032E-125LT Datasheet
212Kb / 16P
   High-Density Programmable Logic
More results

Similar Description - 1032EA

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com