Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1048EA Datasheet(PDF) 1 Page - Lattice Semiconductor

Part # 1048EA
Description  In-System Programmable High Density PLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

1048EA Datasheet(HTML) 1 Page - Lattice Semiconductor

  1048EA Datasheet HTML 1Page - Lattice Semiconductor 1048EA Datasheet HTML 2Page - Lattice Semiconductor 1048EA Datasheet HTML 3Page - Lattice Semiconductor 1048EA Datasheet HTML 4Page - Lattice Semiconductor 1048EA Datasheet HTML 5Page - Lattice Semiconductor 1048EA Datasheet HTML 6Page - Lattice Semiconductor 1048EA Datasheet HTML 7Page - Lattice Semiconductor 1048EA Datasheet HTML 8Page - Lattice Semiconductor 1048EA Datasheet HTML 9Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ispLSI® 1048EA
In-System Programmable High Density PLD
1048ea_03
1
Functional Block Diagram
Features
• HIGH DENSITY PROGRAMMABLE LOGIC
— 8,000 PLD Gates
— 96 I/O Pins, Eight Dedicated Inputs
— 288 Registers
— High-Speed Global Interconnects
— Wide Input Gating for Fast Counters, State
Machines, Address Decoders, etc.
— Small Logic Block Size for Random Logic
— Functionally Compatible with ispLSI 1048C and 1048E
• NEW FEATURES
— 100% IEEE 1149.1 Boundary Scan Testable
— ispJTAG™ In-System Programmable Via IEEE 1149.1
(JTAG) Test Access Port
— User Selectable 3.3V or 5V I/O supports Mixed
Voltage Systems (VCCIO Pin)
— Open Drain Output Option
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
fmax = 170 MHz Maximum Operating Frequency
tpd = 5.0 ns Propagation Delay
— TTL Compatible Inputs and Outputs
— Electrically Eraseable and Reprogrammable
— Non-Volatile
— 100% Tested at Time of Manufacture
• IN-SYSTEM PROGRAMMABLE
— Increased Manufacturing Yields, Reduced Time-to-
Market and Improved Product Quality
— Reprogram Soldered Devices for Faster Prototyping
• OFFERS THE EASE OF USE AND FAST SYSTEM
SPEED OF PLDs WITH THE DENSITY AND FLEXIBILITY
OF FIELD PROGRAMMABLE GATE ARRAYS
— Complete Programmable Device Can Combine Glue
Logic and Structured Designs
— Enhanced Pin Locking Capability
— Four Dedicated Clock Input Pins
— Synchronous and Asynchronous Clocks
— Programmable Output Slew Rate Control to
Minimize Switching Noise
— Flexible Pin Placement
— Optimized Global Routing Pool Provides Global
Interconnectivity
• ispDesignEXPERT™ – LOGIC COMPILER AND COM-
PLETE ISP DEVICE DESIGN SYSTEMS FROM HDL
SYNTHESIS THROUGH IN-SYSTEM PROGRAMMING
— Superior Quality of Results
— Tightly Integrated with Leading CAE Vendor Tools
— Productivity Enhancing Timing Analyzer, Explore
Tools, Timing Simulator and ispANALYZER™
— PC and UNIX Platforms
Output Routing Pool
Output Routing Pool
F7 F6 F5 F4 F3 F2 F1 F0
B0 B1 B2 B3 B4 B5 B6 B7
A0
A1
A2
A3
A4
A5
A6
A7
Output Routing Pool
Output Routing Pool
CLK
E7 E6 E5 E4 E3 E2 E1 E0
C0 C1 C2 C3 C4 C5 C6 C7
D7
D6
D5
D4
D3
D2
D1
D0
Logic
Array
DQ
DQ
DQ
DQ
Global Routing Pool (GRP)
GLB
0139A/1048EA
Description
The ispLSI 1048EA is a High Density Programmable
Logic Device containing 288 Registers, 96 Universal I/O
pins, eight Dedicated Input pins, four Dedicated Clock
Input pins, two dedicated Global OE input pins, and a
Global Routing Pool (GRP). The GRP provides complete
interconnectivity between all of these elements. The
ispLSI 1048EA features 5V in-system programmability
and in-system diagnostic capabilities via IEEE 1149.1
Test Access Port. The ispLSI 1048EA offers non-volatile
reprogrammability of the logic, as well as the intercon-
nect to provide truly reconfigurable systems. A functional
superset of the ispLSI 1048 architecture, the ispLSI
1048EA device adds user selectable 3.3V or 5V I/O and
open-drain output options.
The basic unit of logic on the ispLSI 1048EA device is the
Generic Logic Block (GLB). The GLBs are labeled A0,
A1…F7 (see Figure 1). There are a total of 48 GLBs in the
ispLSI 1048EA device. Each GLB has 18 inputs, a
programmable AND/OR/Exclusive OR array, and four
outputs which can be configured to be either combinato-
rial or registered. Inputs to the GLB come from the GRP
and dedicated inputs. All of the GLB outputs are brought
back into the GRP so that they can be connected to the
inputs of any other GLB on the device.
Copyright © 2000 Lattice Semiconductor Corp. All brand or product names are trademarks or registered trademarks of their respective holders. The specifications and information herein are subject
to change without notice.
LATTICE SEMICONDUCTOR CORP., 5555 Northeast Moore Ct., Hillsboro, Oregon 97124, U.S.A.
June 2000
Tel. (503) 268-8000; 1-800-LATTICE; FAX (503) 268-8556; http://www.latticesemi.com


Similar Part No. - 1048EA

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
1048 KEYSTONE-1048 Datasheet
247Kb / 1P
   DUAL SM BATTERY HOLDER
8.19.10
logo
List of Unclassifed Man...
10480 ETC-10480 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10480 HEYCO-10480 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
SICK AG
1048004 SICK-1048004 Datasheet
514Kb / 8P
   3D VISION
logo
ERNI Electronics
104802070001 ERNI-104802070001 Datasheet
54Kb / 1P
   F 2,54 SRC-A, 6-polig BA 2
More results

Similar Description - 1048EA

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com