Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63823-3770 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63823-3770
Description  Hand Crimp Tool for ISO (M3) Receptacle Terminals
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63823-3770 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63823-3770 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63823-3700
Status:
Active
Description:
Hand Crimp Tool for ISO (M3) Receptacle Terminals
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above. Type: 4A
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
PremiumGrade™
Survey
www.molex.com//review/apptool_survey.html
Tool Type
Handtool
UPC
884982769861
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-6382337HM
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
63823-3770 Modular Crimp Head, 33001
, 33012 , 34750 , 34780 MX150 ISO (M3)
Receptacle Terminals for 0.35mm² and
0.50mm² ISO Wires
This document was generated on 12/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63823-3770

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63823-3700 MOLEX-63823-3700 Datasheet
901Kb / 6P
   Hand Crimp Tool for MX150 ISO (M3) Receptacle Terminals
08-05-11
More results

Similar Description - 63823-3770

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638233700 MOLEX-0638233700 Datasheet
35Kb / 2P
   Hand Crimp Tool for ISO (M3) Receptacle Terminals
08/26/2022
ATS-6382337HM MOLEX-ATS-6382337HM Datasheet
901Kb / 6P
   Hand Crimp Tool for MX150 ISO (M3) Receptacle Terminals
08-05-11
0638233600 MOLEX-0638233600 Datasheet
35Kb / 2P
   Hand Crimp Tool for ISO (M3) Blade Terminals
11/02/2021
63823-3600 MOLEX11-63823-3600 Datasheet
38Kb / 1P
   Hand Crimp Tool for ISO (M3) Blade Terminals
213309-2100 MOLEX-213309-2100 Datasheet
1,013Kb / 6P
   Hand Crimp Tool for TAK50 Receptacle Crimp Terminals
09-08-21
0638198200 MOLEX-0638198200 Datasheet
36Kb / 1P
   Hand Crimp Tool for CTX280 Receptacle Terminals
11/02/2021
ATS-638198300 MOLEX-ATS-638198300 Datasheet
401Kb / 6P
   Hand Crimp Tool: for CTX280 Receptacle Terminals
04-30-12
0638198300 MOLEX-0638198300 Datasheet
29Kb / 1P
   Hand Crimp Tool for CTX280 Receptacle Terminals
08/25/2022
213309-2000 MOLEX-213309-2000 Datasheet
1,012Kb / 6P
   Hand Crimp Tool for TAK50 Receptacle Crimp Terminals
09-03-21
0638198100 MOLEX-0638198100 Datasheet
36Kb / 1P
   Hand Crimp Tool for CTX280 Receptacle Terminals
11/02/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com