Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

63823-4800 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 63823-4800
Description  Hand Crimp Tool for 2.00mm Pitch Board-In Male Crimp Terminal
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

63823-4800 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  63823-4800 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
63823-4800
Status:
Active
Description:
Hand Crimp Tool for 2.00mm Pitch Board-In Male Crimp Terminal
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
See Tooling Specification (PDF) Above. Type: 4D
Function
Crimp
Geographic Area
Global
Level of Automation
Manual
Product Name
PremiumGrade™
Tool Type
Handtool
UPC
884982202887
Physical
Net Weight
317.100/g
Material Info
Reference - Drawing Numbers
Application Tooling Documents
ATS-638234800, TM-638000029, TM-638000029CN,
TM-638000029DE, TM-638000029FR,
TM-638000029IT, TM-638000029JP,
TM-638000029KR, TM-638000029MY,
TM-638000029PL, TM-638000029RU,
TM-638000029SK, TM-638000029SP,
TM-638000029TH, TM-638000029TW,
TM-638000029VN
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
T9999Series
Use With
5378 2.00mm Pitch Board-In Male Crimp
Terminal, 24-28 AWG
This document was generated on 12/08/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 63823-4800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63823-4800 MOLEX-63823-4800 Datasheet
592Kb / 8P
   Hand Crimp Tool for 2.00mm (.079) Pitch Board-In Male Crimp Terminal
05-07-10
More results

Similar Description - 63823-4800

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0638234800 MOLEX-0638234800 Datasheet
32Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Board-in Male Crimp Terminal
08/25/2022
63823-4800 MOLEX-63823-4800 Datasheet
592Kb / 8P
   Hand Crimp Tool for 2.00mm (.079) Pitch Board-In Male Crimp Terminal
05-07-10
0638234900 MOLEX-0638234900 Datasheet
33Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Board-in Crimp Terminals
08/26/2022
63823-4900 MOLEX11-63823-4900 Datasheet
40Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Board-In Crimp Terminals
63823-5100 MOLEX11-63823-5100 Datasheet
51Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminal
63823-9800 MOLEX11-63823-9800 Datasheet
40Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminal
0638239800 MOLEX-0638239800 Datasheet
32Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Wire-to-Board Crimp Terminal
08/25/2022
63823-5600 MOLEX11-63823-5600 Datasheet
32Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Male Crimp Terminals
0638235600 MOLEX-0638235600 Datasheet
33Kb / 1P
   Hand Crimp Tool for 2.00mm Pitch Male Crimp Terminals
08/25/2022
63827-4600 MOLEX-63827-4600 Datasheet
603Kb / 7P
   Hand Crimp Tool for 2.00mm (.079") Pitch Wire-to-Board Crimp Terminal
05-24-17
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com