Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S32C-11 Datasheet(PDF) 2 Page - BetLux Electronics

Part # BL-S32C-11
Description  8.0mm (0.32) Single digit numeric display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S32C-11 Datasheet(HTML) 2 Page - BetLux Electronics

  BL-S32C-11 Datasheet HTML 1Page - BetLux Electronics BL-S32C-11 Datasheet HTML 2Page - BetLux Electronics BL-S32C-11 Datasheet HTML 3Page - BetLux Electronics BL-S32C-11 Datasheet HTML 4Page - BetLux Electronics BL-S32C-11 Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S32X-11
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 2 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Absolute maximum ratings (Ta=25°C)
Parameter
S
D
UR
E
Y
G
Unit
Forward Current
IF
25
25
25
25
25
30
mA
Power Dissipation Pd
60
60
60
60
60
65
mW
Reverse Voltage VR
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C
Absolute maximum ratings (Ta=25°C)
Parameter
UHR
UE
YO
UY
UG
PG
UB
UW
Unit
Forward Current
IF
30
30
30
30
30
30
30
30
mA
Power Dissipation Pd
75
65
65
65
75
110
120
120
mW
Reverse Voltage VR
5
5
5
5
5
5
5
5
V
Peak Forward Current IPF
(Duty 1/10 @1KHZ)
150
150
150
150
150
150
100
100
mA
Operation Temperature TOPR
-40 to +80
°C
Storage Temperature TSTG
-40 to +85
°C
Lead Soldering Temperature
TSOL
Max.260±5°C for 3 sec Max.
(1.6mm from the base of the epoxy bulb)
°C


Similar Part No. - BL-S32C-11

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S32A-11 BETLUX-BL-S32A-11 Datasheet
581Kb / 5P
   8.0mm (0.32) Single digit Seven Segment LED display series
BL-S32A-11B BETLUX-BL-S32A-11B Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S32A-11D-00 BETLUX-BL-S32A-11D-00 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S32A-11D-01 BETLUX-BL-S32A-11D-01 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S32A-11D-02 BETLUX-BL-S32A-11D-02 Datasheet
79Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S32C-11

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S32E-11 BETLUX-BL-S32E-11 Datasheet
336Kb / 5P
   8.0mm (0.32) Single digit numeric display series
BL-S32A-11 BETLUX-BL-S32A-11 Datasheet
581Kb / 5P
   8.0mm (0.32) Single digit Seven Segment LED display series
logo
SunLED Corporation
DMR06A SUNLED-DMR06A Datasheet
184Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUR06A SUNLED-DUR06A Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUY06C-1 SUNLED-DUY06C-1 Datasheet
183Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUY06A-1 SUNLED-DUY06A-1 Datasheet
181Kb / 4P
   8mm (0.32") SINGLE DIGIT NUMERIC DISPLAY
DUR06C SUNLED-DUR06C Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DMR06C-1 SUNLED-DMR06C-1 Datasheet
181Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUG06C SUNLED-DUG06C Datasheet
184Kb / 4P
   8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUY06C SUNLED-DUY06C Datasheet
185Kb / 4P
   8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com