Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL-S39A-14D-XX Datasheet(PDF) 1 Page - BetLux Electronics

Part # BL-S39A-14D-XX
Description  10.0mm (0.39) Single digit Seven Segment LED display series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BETLUX [BetLux Electronics]
Direct Link  http://www.betlux.com
Logo BETLUX - BetLux Electronics

BL-S39A-14D-XX Datasheet(HTML) 1 Page - BetLux Electronics

  BL-S39A-14D-XX Datasheet HTML 1Page - BetLux Electronics BL-S39A-14D-XX Datasheet HTML 2Page - BetLux Electronics BL-S39A-14D-XX Datasheet HTML 3Page - BetLux Electronics BL-S39A-14D-XX Datasheet HTML 4Page - BetLux Electronics BL-S39A-14D-XX Datasheet HTML 5Page - BetLux Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED NUMERIC DISPLAY, 1 DIGIT
BL-S39X-14
APPROVED : XU L
CHECKED :ZHANG WH
DRAWN: LI FS
REV NO: V.2
Page 1 of 5
WWW.BETLUX.COM
EMAIL: SALES@BETLUX.COM , BETLUX@BETLUX.COM
Features:
Ø
10.0mm (0.39”) Single digit Seven Segment LED display series
Ø
Low current operation.
Ø
Excellent character appearance.
Ø
Easy mounting on P.C. Boards or sockets.
Ø
I.C. Compatible.
Ø
ROHS Compliance.
Super Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitte
d Color
Material
λ
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-S39A-14S-XX
BL-S39B-14S-XX
Hi Red
GaAl As/GaAs,SH
660
1.85
2.20
8
BL-S39A-14D-XX
BL-S39B-14D-XX
Super
Red
GaAl As/GaAs,DH
660
1.85
2.20
15
BL-S39A-14UR-XX
BL-S39B-14UR-XX
Ultra
Red
GaAl As/GaAs,DDH
660
1.85
2.20
17
BL-S39A-14E-XX
BL-S39B-14E-XX
Orange
GaAsP/GaP
635
2.10
2.50
10
BL-S39A-14Y-XX
BL-S39B-14Y-XX
Yellow
GaAsP/GaP
585
2.10
2.50
10
BL-S39A-14G-XX
BL-S39B-14G-XX
Green
GaP/GaP
570
2.20
2.50
10
Ultra Bright
Electrical-optical characteristics: (Ta=25°C) (Test Condition: IF=20mA)
Part No
Chip
VF
Unit:V
Common Cathode
Common Anode
Emitted Color
Material
?"
P
(nm)
Typ
Max
Iv
TYP.(mcd
)
BL-S39A-14UHR-XX
BL-S39B-14UHR-XX
Ultra Red
AlGaInP
645
2.10
2.50
17
BL-S39A-14UE-XX
BL-S39B-14UE-XX
Ultra Orange
AlGaInP
630
2.10
2.50
13
BL-S39A-14YO-XX
BL-S39B-14YO-XX
Ultra Amber
AlGaInP
619
2.10
2.50
13
BL-S39A-14UY-XX
BL-S39B-14UY-XX
Ultra Yellow
AlGaInP
590
2.10
2.50
13
BL-S39A-14UG-XX
BL-S39B-14UG-XX
Ultra Green
AlGaInP
574
2.20
2.50
15
BL-S39A-14PG-XX
BL-S39B-14PG-XX
Ultra Pure Green
InGaN
525
3.80
4.50
20
BL-S39A-14B-XX
BL-S39B-14B-XX
Ultra Blue
InGaN
470
2.70
4.20
26
BL-S39A-14W-XX
BL-S39B-14W-XX
Ultra White
InGaN
/
2.70
4.20
32
-XX: Surface / Lens color
Number
0
1
2
3
4
5
Ref Surface Color
White
Black
Gray
Red
Green
Epoxy Color
Water
clear
White
diffused
Red
Diffused
Green
Diffused
Yellow
Diffused


Similar Part No. - BL-S39A-14D-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S39A-14D-00 BETLUX-BL-S39A-14D-00 Datasheet
81Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S39A-14D-01 BETLUX-BL-S39A-14D-01 Datasheet
81Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S39A-14D-02 BETLUX-BL-S39A-14D-02 Datasheet
81Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S39A-14D-03 BETLUX-BL-S39A-14D-03 Datasheet
81Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
BL-S39A-14D-04 BETLUX-BL-S39A-14D-04 Datasheet
81Kb / 4P
   LED NUMERIC DISPLAY, 1 DIGIT
More results

Similar Description - BL-S39A-14D-XX

ManufacturerPart #DatasheetDescription
logo
BetLux Electronics
BL-S39C-12 BETLUX-BL-S39C-12 Datasheet
306Kb / 5P
   10.0mm (0.39) Single digit Seven Segment LED display series
BL-S39A-12 BETLUX-BL-S39A-12 Datasheet
230Kb / 5P
   10.0mm (0.39) Single digit Seven Segment LED display series
BL-D39A-21 BETLUX-BL-D39A-21 Datasheet
318Kb / 5P
   10.0mm(0.39) Dual digit Seven Segment LED display series
BL-T39A-31 BETLUX-BL-T39A-31 Datasheet
309Kb / 5P
   10.0mm (0.39) Three digit Seven Segment LED display series
BL-D39C-21 BETLUX-BL-D39C-21 Datasheet
318Kb / 5P
   10.0mm(0.39) Dual digit Seven Segment LED display series
BL-S39A-11 BETLUX-BL-S39A-11 Datasheet
307Kb / 5P
   9.9mm (0.39) Single digit Seven Segment LED display series
BL-S39C-11 BETLUX-BL-S39C-11 Datasheet
307Kb / 5P
   9.9mm (0.39) Single digit Seven Segment LED display series
logo
BRIGHT LED ELECTRONICS ...
BS-A342RD BRIGHT-BS-A342RD Datasheet
162Kb / 3P
   10.0mm(0.39) high single digit seven segments display.
BS-A344RD-A BRIGHT-BS-A344RD-A Datasheet
191Kb / 3P
   10.0mm(0.39) high single digit seven segments display.
logo
Lite-On Technology Corp...
LTS-4301E LITEON-LTS-4301E Datasheet
132Kb / 5P
   0.4 inch (10.0mm) digit height single digit, seven-segment display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com