Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ90CA Datasheet(PDF) 3 Page - Zowie Technology Corporation

Part # SMBJ90CA
Description  GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

SMBJ90CA Datasheet(HTML) 3 Page - Zowie Technology Corporation

  SMBJ90CA Datasheet HTML 1Page - Zowie Technology Corporation SMBJ90CA Datasheet HTML 2Page - Zowie Technology Corporation SMBJ90CA Datasheet HTML 3Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES SMBJ SERIES
Zowie Technology Corporation
2011/05
FIG. 1- PULSE DERATING CURVE
TJ = TJ max.
8.3 ms Single Half Sine-Wave
Non-repetitive Pulse
Waveform shown in Fig. 5
TA = 25
FIG. 3 - STEADY STATE POWER DERATING CURVE
FIG. 5 - PULSE WAVEFORM
AMBIENT TEMPERATURE, TA (℃)
LEAD TEMPERATURE, TL (℃)
TIME, (ms)
FIG. 2 - MAXIMUM NON-REPETITIVE
FIG. 4 - PEAK PULSE POWER RATING CURVE
PULSE WIDTH, td (
µs)
100
75
50
25
0
5.0
4.0
3.0
2.0
1.0
0
100
Tr = 10µs
Peak Value
(IPP)
td
10/1000µsec. waveform
as defined by R.E.A.
TJ = 25℃
Pulse width (td) is defined as the
point where the peak current
decays to 50% of IPP
50
0
0
0
1
2
3
4
25
50
75
100
125
150
175
200
0
25
50
75
100
125
150
175
200
100
80
60
40
20
0
100
10
1
0.1
1
10
100
Half value = IPP
2
0.1
1
10
100
1000
10000
NUMBER OF CYCLES AT 60Hz


Similar Part No. - SMBJ90CA

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ90CA LITTELFUSE-SMBJ90CA Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Bytes
SMBJ90CA BYTES-SMBJ90CA Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SMBJ90CA SECOS-SMBJ90CA Datasheet
365Kb / 4P
   Peak Power Surface Mount TVS
logo
MDE Semiconductor, Inc.
SMBJ90CA MDE-SMBJ90CA Datasheet
92Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SAMYANG ELECTRONICS CO....
SMBJ90CA SAMYANG-SMBJ90CA Datasheet
2Mb / 6P
   Surface Mount Transient Voltage Suppressors
More results

Similar Description - SMBJ90CA

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SMCJ ZOWIE-SMCJ Datasheet
143Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ ZOWIE-SMAJ Datasheet
79Kb / 3P
   GLASS PASSIVATED SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
20KPA20A SMC-20KPA20A Datasheet
214Kb / 5P
   GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
20KPA SMC-20KPA Datasheet
220Kb / 5P
   GLASS PASSIVATED TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
1.5KE6.8 PANJIT-1.5KE6.8 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE PANJIT-P4KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE PANJIT-P6KE_07 Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
SMD30KPA MDE-SMD30KPA Datasheet
344Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P6SMB LUGUANG-P6SMB_13 Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
BZW04P5V8 MDE-BZW04P5V8 Datasheet
74Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com