Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750004 Datasheet(PDF) 10 Page - NEC

Part # UPD750004
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750004 Datasheet(HTML) 10 Page - NEC

Back Button UPD750004 Datasheet HTML 6Page - NEC UPD750004 Datasheet HTML 7Page - NEC UPD750004 Datasheet HTML 8Page - NEC UPD750004 Datasheet HTML 9Page - NEC UPD750004 Datasheet HTML 10Page - NEC UPD750004 Datasheet HTML 11Page - NEC UPD750004 Datasheet HTML 12Page - NEC UPD750004 Datasheet HTML 13Page - NEC UPD750004 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 84 page
background image
10
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
3.2
NON-PORT PINS
Notes 1. The circle (
) indicates the Schmitt trigger input.
2. With a noise eliminator/asynchronously selectable
3. Asynchronous
B
B
F
F
M
B
Function
Inputs external event pulse to the timer/event
counter
Timer/event counter output
Timer counter output
Clock output
Arbitrary frequency output (for buzzer output or
system clock trimming)
Serial clock I/O
Serial data output
Serial data bus I/O
Serial data input
Serial data bus I/O
Edge detection vectored interrupt input (both
rising and falling edges are detected)
Rising edge detection testable input
Falling edge detection testable input
Falling edge detection testable input
Crystal/ceramic connection pin for main system
clock generation. When external clock signal is
used, it is applied to X1, and its reverse phase
signal is applied to X2.
Crystal connection pin for subsystem clock
generation. When external clock signal is used, it
is applied to XT1, and it reverse phase signal is
applied to XT2.
XT1 can be used as a 1-bit input (test).
System reset input (active low)
Internally connected. (To be connected directly to
VDD)
Positive power supply
Ground potential
Input/
output
Input
Output
I/O
Input
Input
Input
I/O
I/O
Input
-
Input
-
Input
-
-
-
When reset
Input
Input
Input
Input
Input
Input
-
-
-
-
-
-
Edge detection vectored interrupt input
(detection edge selectable). A noise eliminator
can be selected when INT0/P10 is used.
Shared
pin
P13
P20
P21
P22
P23
P01
P02
P03
P00
P10
P11
P12
P60 - P63
P70 - P73
-
-
-
-
-
-
Note 3
Note 2
Note 3
I/O circuit
typeNote 1
-C
E-B
-A
-B
-C
-C
-A
-A
-
-
-
-
-
B
Pin name
TI0
PTO0
PTO1
PCL
BUZ
SCK
SO/SB0
SI/SB1
INT4
INT0
INT1
INT2
KR0 - KR3
KR4 - KR7
X1
X2
XT1
XT2
RESET
IC
VDD
VSS
F
F


Similar Part No. - UPD750004

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD750004 RENESAS-UPD750004 Datasheet
641Kb / 86P
   MOS INTEGRATED CIRCUIT
1994
More results

Similar Description - UPD750004

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com