Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2401A8167R-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC2401A8167R-G
Description  1.6 GHz Low Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2401A8167R-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XC2401A8167R-G_15 Datasheet HTML 1Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 2Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 3Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 4Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 5Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 6Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 7Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 8Page - Torex Semiconductor XC2401A8167R-G_15 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
XC2401A8167R-G
*1: NF is the value excluding the PCB loss.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Power Gain
S21
f=1.575 GHz
11.5
15.0
-
dB
Input Return Loss
S11
f=1.575GHz
-
6
-
dB
Output Return Loss
S22
f=1.575GHz
-
6
-
dB
Isolation
S12
f=1.575GHz
-
-20
-
dB
Noise Figure
(*1)
NF
f=1.575GHz
-
0.69
-
dB
Input Power IP3
IIP3
f=1.575GHz, 1.576GHz
Pin = -30dBm
-
-1.0
-
dBm
Input Power @ 1dB
Gain Compression
P1dB
f=1.575GHz
-
-12
-
dBm
ELECTRICAL CHARACTERISTICS (Continued)
AC Characteristics
VDD=1.2V Ta=25℃
Note
1. In case symptoms of transient voltage drop and rise temporarily, please use this IC within the stated maximum ratings.
The IC is liable to malfunction should the ratings be exceeded.
2. Please eliminate static electricity from the operational table, people, and soldering iron.
3. Please use noiseless power supply for stable operation.
4. Please use ±1% Rbias with ±200ppm/℃ temperature stability and 10nF Cbias.
5. Please connect Cbias to VDD pin as close as possible.
6. Please ensure to use an external component which does not depend on bias or temperature too much.
7. We will improve the product quality and improve reliability, however please make sure to design fail safe or pre-aging treatment on
the system.


Similar Part No. - XC2401A8167R-G_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
More results

Similar Description - XC2401A8167R-G_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G Datasheet
315Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
   1.6 GHz Low Noise Amplifier
logo
Tyco Electronics
MAALSS0044 MACOM-MAALSS0044 Datasheet
208Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Motorola, Inc
MRFIC1501 MOTOROLA-MRFIC1501 Datasheet
189Kb / 8P
   1.6 GHz GaAs LOW NOISE AMPLIFIER
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
HBH Microwave GmbH
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
   1.5 - 1.6 GHz Low Noise Amplifier
logo
M/A-COM Technology Solu...
MAAM12021 MA-COM-MAAM12021 Datasheet
172Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Tyco Electronics
MAAM12021 MACOM-MAAM12021 Datasheet
117Kb / 3P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
Texas Instruments
OPA657 TI1-OPA657 Datasheet
1Mb / 37P
[Old version datasheet]   1.6-GHz, Low-Noise, FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com