Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2406 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC2406
Description  1.6GHz ON/OFF Function LNA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2406 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC2406_15 Datasheet HTML 6Page - Torex Semiconductor XC2406_15 Datasheet HTML 7Page - Torex Semiconductor XC2406_15 Datasheet HTML 8Page - Torex Semiconductor XC2406_15 Datasheet HTML 9Page - Torex Semiconductor XC2406_15 Datasheet HTML 10Page - Torex Semiconductor XC2406_15 Datasheet HTML 11Page - Torex Semiconductor XC2406_15 Datasheet HTML 12Page - Torex Semiconductor XC2406_15 Datasheet HTML 13Page - Torex Semiconductor XC2406_15 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10/18
XC2406A816UR-G
TYPICAL PERFORMANCE CHARACTERISTICS
XC2406A816
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
Ta=25℃
(1) 回路電流 - 電源端子電圧特性例
(2) CE"H"レベル電圧 - 電源端子電圧特性例
XC2406A816
5
5.5
6
6.5
7
7.5
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
V
DD=VCE, Ta=25℃
(3) CE"L"レベル電圧 - 電源端子電圧特性例
(4) 挿入電力利得 - 電源端子電圧特性例
(5) 入力側リターンロス - 電源端子電圧特性例
(6) 出力側リターンロス - 電源端子電圧特性例
XC2406A816
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
Ta=25℃
XC2406A816
-9
-8.5
-8
-7.5
-7
-6.5
-6
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
VDD=VCE, Ta=25℃, f=1.575GHz
XC2406A816
-14
-13.5
-13
-12.5
-12
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
VDD=VCE, Ta=25℃, f=1.575GHz
XC2406A816
17
17.5
18
18.5
19
2.6
2.7
2.8
2.9
3
3.1
Power Supply Voltage : VDD (V)
VDD=VCE, Ta=25℃, f=1.575GHz
(1) Current Circuits vs. Supply Voltage
(2) CE “H” Level Voltage vs. Supply Voltage
(3) CE “L” Level Voltage vs. Power Supply Voltage
(5) Input Return Loss vs. Power Supply Voltage
(6) Output Return Loss vs. Supply Voltage
(4) Power Gain vs. Power Supply Voltage


Similar Part No. - XC2406_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2406-12 TOREX-XC2406-12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406_12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
More results

Similar Description - XC2406_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2407 TOREX-XC2407 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2407 TOREX-XC2407_12 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2407-12 TOREX-XC2407-12 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406_12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_12 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_15 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406-12 TOREX-XC2406-12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408-12 TOREX-XC2408-12 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com