Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC2406 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC2406
Description  1.6GHz ON/OFF Function LNA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC2406 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC2406_15 Datasheet HTML 1Page - Torex Semiconductor XC2406_15 Datasheet HTML 2Page - Torex Semiconductor XC2406_15 Datasheet HTML 3Page - Torex Semiconductor XC2406_15 Datasheet HTML 4Page - Torex Semiconductor XC2406_15 Datasheet HTML 5Page - Torex Semiconductor XC2406_15 Datasheet HTML 6Page - Torex Semiconductor XC2406_15 Datasheet HTML 7Page - Torex Semiconductor XC2406_15 Datasheet HTML 8Page - Torex Semiconductor XC2406_15 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4/18
XC2406A816UR-G
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNITS
Power Supply Voltage
VDD
-0.3~4.0
V
CE Input Voltage
VCE
-0.3~VDD+0.3 or 4.0
(*1)
V
Current Circuit
IDD
42
mA
RBIAS1 Input Voltage
RBIAS1
-0.3~VDD+0.3 or 4.0
(*1)
V
RBIAS2 Input Voltage
RBIAS2
-0.3~+1.6
V
RF Input Power
PIN
10
dBm
RF_IN Input Voltege
VRF_IN
-0.3~RBIAS2+0.3 or +1.6
(*2)
V
RF_OUT Input Voltege
VRF_OUT
-0.3~RBIAS2+0.3 or +1.6
(*2)
V
Power Dissipation
Pd
120
mW
Operating Ambient Temperature
Topr
-40~+85
Storage Temperature
Tstg
-55~+125
* All voltages are described based on the VSS1 and VSS2 pin.
VSS1 pin and VSS2 pin should be connected each other outside.
(*1) The maximum value should be either VDD+0.3V or +4.0V in the lowest.
(*2) The maximum value should be either RBIAS2+0.3V or +1.6V in the lowest.
Ta=25℃


Similar Part No. - XC2406_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2406-12 TOREX-XC2406-12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406_12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
More results

Similar Description - XC2406_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC2407 TOREX-XC2407 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2407 TOREX-XC2407_12 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2407-12 TOREX-XC2407-12 Datasheet
442Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406_12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_12 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408_15 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406-12 TOREX-XC2406-12 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408-12 TOREX-XC2408-12 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2406 TOREX-XC2406 Datasheet
405Kb / 18P
   1.6GHz ON/OFF Function LNA
XC2408 TOREX-XC2408 Datasheet
415Kb / 18P
   1.6GHz ON/OFF Function LNA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com