Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC3202B Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC3202B
Description  Low Power Consumption Hall IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC3202B Datasheet(HTML) 5 Page - Torex Semiconductor

  XC3202B_15 Datasheet HTML 1Page - Torex Semiconductor XC3202B_15 Datasheet HTML 2Page - Torex Semiconductor XC3202B_15 Datasheet HTML 3Page - Torex Semiconductor XC3202B_15 Datasheet HTML 4Page - Torex Semiconductor XC3202B_15 Datasheet HTML 5Page - Torex Semiconductor XC3202B_15 Datasheet HTML 6Page - Torex Semiconductor XC3202B_15 Datasheet HTML 7Page - Torex Semiconductor XC3202B_15 Datasheet HTML 8Page - Torex Semiconductor XC3202B_15 Datasheet HTML 9Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5/9
XC3202B
Series
■NOTES ON USE
1. The magnetic flux density will be changed when an external capacitor (CIN) is connected between VDD and VSS.
North Pole magnetic flux density
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.001
0.01
0.1
1
10
Ceramic Capacitor CIN(μF)
VIN=3V,Ta=25
Operating
Release
South Pole magnetic flux density
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.001
0.01
0.1
1
10
Ceramic Capacitor CIN(μF)
VIN=3V,Ta=25
Operating
Release
2.
Please use this IC within the stated maximum ratings. For temporary, transitional voltage drop or voltage rising phenomenon,
the IC is liable to malfunction should the ratings be exceeded.
3.
Torex places an importance on improving our products and its reliability.
However, by any possibility, we would request user fail-safe design and post-aging treatment on system or equipment.
North Pole Magnetic Flux Density vs. Input Capacitance (CIN)
South Pole Magnetic Flux Density vs. Input Capacitance (CIN)


Similar Part No. - XC3202B_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC3202B-12 TOREX-XC3202B-12 Datasheet
202Kb / 9P
   Low Power Consumption Hall IC
XC3202B TOREX-XC3202B_12 Datasheet
202Kb / 9P
   Low Power Consumption Hall IC (Magnetic Sensor)
More results

Similar Description - XC3202B_15

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC3202B-12 TOREX-XC3202B-12 Datasheet
202Kb / 9P
   Low Power Consumption Hall IC
XC3202B TOREX-XC3202B_12 Datasheet
202Kb / 9P
   Low Power Consumption Hall IC (Magnetic Sensor)
XC3202 TOREX-XC3202 Datasheet
224Kb / 8P
   Low Power Consumption Hall IC (Magnetic Sensor)
logo
Seiko Instruments Inc
S5716 SII-S5716 Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
logo
Shenzhen Huazhimei Semi...
HM6201 HMSEMI-HM6201 Datasheet
457Kb / 6P
   Hall switch sensor device with low power consumption
logo
List of Unclassifed Man...
US79 ETC-US79 Datasheet
47Kb / 4P
   CMOS Power Hall IC
logo
Melexis Microelectronic...
US79 MELEXIS-US79 Datasheet
146Kb / 9P
   CMOS Power Hall IC
logo
Panasonic Semiconductor
AN48810B PANASONIC-AN48810B Datasheet
126Kb / 6P
   Low current consumption, high sensitivity CMOS Hall IC One-way magnetic field operation
logo
Melexis Microelectronic...
US79 MELEXIS-US79_14 Datasheet
346Kb / 9P
   CMOS Power Hall IC
logo
Panasonic Semiconductor
AN48800A PANASONIC-AN48800A Datasheet
263Kb / 4P
   Low current consumption, high sensitivity CMOS Hall IC One-way magnetic field operation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com