Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-8TQ080SPBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VS-8TQ080SPBF
Description  Schottky Rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-8TQ080SPBF Datasheet(HTML) 2 Page - Vishay Siliconix

  VS-8TQ080SPBF Datasheet HTML 1Page - Vishay Siliconix VS-8TQ080SPBF Datasheet HTML 2Page - Vishay Siliconix VS-8TQ080SPBF Datasheet HTML 3Page - Vishay Siliconix VS-8TQ080SPBF Datasheet HTML 4Page - Vishay Siliconix VS-8TQ080SPBF Datasheet HTML 5Page - Vishay Siliconix VS-8TQ080SPBF Datasheet HTML 6Page - Vishay Siliconix VS-8TQ080SPBF Datasheet HTML 7Page - Vishay Siliconix VS-8TQ080SPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94266
2
Revision: 15-Mar-10
VS-8TQ080SPbF, VS-8TQ100SPbF
Vishay High Power Products
Schottky Rectifier, 8 A
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop
See fig. 1
VFM (1)
8 A
TJ = 25 °C
0.72
V
16 A
0.88
8 A
TJ = 125 °C
0.58
16 A
0.69
Maximum reverse leakage current
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
0.55
mA
TJ = 125 °C
7
Maximum junction capacitance
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz), 25 °C
500
pF
Typical series inductance
LS
Measured lead to lead 5 mm from package body
8
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and
storage temperature range
TJ, TStg
- 55 to 175
°C
Maximum thermal resistance,
junction to case
RthJC
DC operation
See fig. 4
2.0
°C/W
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.50
Approximate weight
2g
0.07
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style D2PAK
8TQ080S
8TQ100S


Similar Part No. - VS-8TQ080SPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8TQ080S-M3 VISHAY-VS-8TQ080S-M3 Datasheet
156Kb / 7P
   High Performance Schottky Rectifier, 8 A
Revision: 28-Feb-14
VS-8TQ080S-M3 VISHAY-VS-8TQ080S-M3 Datasheet
177Kb / 7P
   High Performance Schottky Rectifier, 8 A
01-Jan-2022
VS-8TQ080S-M3 VISHAY-VS-8TQ080S-M3_V01 Datasheet
177Kb / 7P
   High Performance Schottky Rectifier, 8 A
01-Jan-2022
VS-8TQ080SHM3 VISHAY-VS-8TQ080SHM3 Datasheet
156Kb / 7P
   High Performance Schottky Rectifier, 8 A
Revision: 06-Mar-14
VS-8TQ080SHM3 VISHAY-VS-8TQ080SHM3 Datasheet
154Kb / 7P
   High Performance Schottky Rectifier, 8 A
01-Jan-2022
More results

Similar Description - VS-8TQ080SPBF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com