Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD750008 Datasheet(PDF) 2 Page - NEC

Part # UPD750008
Description  4 BIT SINGLE-CHIP MICROCONTROLLER
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD750008 Datasheet(HTML) 2 Page - NEC

  UPD750008 Datasheet HTML 1Page - NEC UPD750008 Datasheet HTML 2Page - NEC UPD750008 Datasheet HTML 3Page - NEC UPD750008 Datasheet HTML 4Page - NEC UPD750008 Datasheet HTML 5Page - NEC UPD750008 Datasheet HTML 6Page - NEC UPD750008 Datasheet HTML 7Page - NEC UPD750008 Datasheet HTML 8Page - NEC UPD750008 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
2
µPD750004, 750006, 750008, 750004(A), 750006(A), 750008(A)
ORDERING INFORMATION
Part number
Package
Quality grade
µPD750004CU-×××
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Standard
µPD750004GB-×××-3BS-MTX
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Standard
µPD750006CU-×××
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Standard
µPD750006GB-×××-3BS-MTX
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Standard
µPD750008CU-×××
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Standard
µPD750008GB-×××-3BS-MTX
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Standard
µPD750004CU(A)-×××
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Special
µPD750004GB(A)-×××-3BS-MTX
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Special
µPD750006CU(A)-×××
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Special
µPD750006GB(A)-×××-3BS-MTX
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Special
µPD750008CU(A)-×××
42-pin plastic shrink DIP (600 mil, 1.778 mm pitch)
Special
µPD750008GB(A)-×××-3BS-MTX
44-pin plastic QFP (10
× 10 mm, 0.8 mm pitch)
Special
Remark
××× is a mask ROM code number.
DIFFERENCES BETWEEN
µPD75000× AND µPD75000×(A)
Product number
Item
Quality grade
Standard
Special
Please refer to "Quality Grades on NEC Semiconductor Devices" (Document No. C11531E) published by
NEC Corporation to know the specification of quality grade on the devices and its recommended applications.
µPD750004
µPD750006
µPD750008
µPD750004(A)
µPD750006(A)
µPD750008(A)


Similar Part No. - UPD750008

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD750008 RENESAS-UPD750008 Datasheet
641Kb / 86P
   MOS INTEGRATED CIRCUIT
1994
More results

Similar Description - UPD750008

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75P0076 NEC-UPD75P0076 Datasheet
410Kb / 62P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P4308 NEC-UPD75P4308 Datasheet
271Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD754302 NEC-UPD754302 Datasheet
316Kb / 74P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P036 NEC-UPD75P036 Datasheet
376Kb / 52P
   4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Sanyo Semicon Device
LC573010A SANYO-LC573010A Datasheet
154Kb / 12P
   4-bit Single Chip Microcontroller
logo
NEC
UPD753104 NEC-UPD753104 Datasheet
547Kb / 90P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD753304 NEC-UPD753304 Datasheet
374Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3116 NEC-UPD75P3116 Datasheet
351Kb / 60P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD17P133 NEC-UPD17P133 Datasheet
1Mb / 289P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD75P3216 NEC-UPD75P3216 Datasheet
362Kb / 56P
   4-BIT SINGLE-CHIP MICROCONTROLLER
UPD750104 NEC-UPD750104 Datasheet
525Kb / 80P
   4 BIT SINGLE-CHIP MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com