Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGZ8JFH Datasheet(PDF) 2 Page - Zowie Technology Corporation

Part # UGZ8JFH
Description  ULTRAFAST EFFICIENT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

UGZ8JFH Datasheet(HTML) 2 Page - Zowie Technology Corporation

  UGZ8JFH Datasheet HTML 1Page - Zowie Technology Corporation UGZ8JFH Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES UGZ8DFH THRU UGZ8JFH
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
CASE TEMPERATURE, ℃
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
0
25
50
100
75
150
125
1
10
100
0
0
2
4
6
8
10
25
50
75
100
125
175
150
0
0.1
1.0
10
50
0.4
0.6
0.8
1.0
1.4
1.2
2.0
1.8
1.6
Zowie Technology Corporation
REV. 2
TJ = 25℃
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
.1
10
.2
.4
1.0
2
4
10
20
40
100
100
1000
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, %
100
10
1.0
0.1
100
80
60
40
20
0
1000
TJ = 25℃
TJ = 100℃
TJ = 150℃
UGZ8DFH
UGZ8GFH
UGZ8JFH


Similar Part No. - UGZ8JFH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGZ8JF ZOWIE-UGZ8JF Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
More results

Similar Description - UGZ8JFH

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGZ8DF ZOWIE-UGZ8DF Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ10DCFH ZOWIE-UGZ10DCFH Datasheet
66Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ10DCT ZOWIE-UGZ10DCT Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ10DCTH ZOWIE-UGZ10DCTH Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ10DTH ZOWIE-UGZ10DTH Datasheet
85Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ16DCF ZOWIE-UGZ16DCF Datasheet
66Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ16DCTH ZOWIE-UGZ16DCTH Datasheet
64Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ10DFH ZOWIE-UGZ10DFH Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ20DCTH ZOWIE-UGZ20DCTH Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ10DF ZOWIE-UGZ10DF Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com