Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0009 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # PM0009
Description  POWER MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

PM0009 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  PM0009_15 Datasheet HTML 1Page - Solid States Devices, Inc PM0009_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
SPMR467-02
FEATURES:
DATA SHEET #: PM0009B
MAXIMUM RATINGS
Discharge Current (Schottky's)
Amps
• Low Forward Discharge Voltage (VFD)
• Guaranteed Minimum Charge Voltage (VFC)
• Low Mechanical Stress Assembly Design
• Low Assembly Thermal Resistance
• S - Level Prescreened Devices
• High Strength Terminal Stud Attachement
• Other Terminal Styles Available
300 AMPS DISCHARGE
60 AMPS CHARGE CURRENT
BATERY BYPASS
POWER MODULE
DESIGNER'S DATA SHEET
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
CHARACTERISTIC
SYMBOL
VALUE
UNIT
ID
300
Discharge Surge Current
(Non-repetitive, t = 8.3 ms Pulse)
Amps
2000
IDP
Storage Temperature Range
-65 TO +175
TSTG
Operating Temperature Range
o
C
TOP
Thermal Resistance, Junction to Base (Discharging Leg)
o
C/W
0.25
1JBd
o
C
Charge Current (Rectifiers)
Amps
IC
60
-65 TO +125
Thermal Resistance, Junction to Base (Charging Leg)
o
C/W
0.45
1 JBc
Thermal Resistance, Junction to Case (Schottky Discrete)
o
C/W
0.20
1 JCs
Thermal Resistance, Junction to Case (Rectifier Discrete)
o
C/W
0.60
1JCr
ASPM
ELECTRICAL SCHEMATIC


Similar Part No. - PM0009_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
PM0009 SSDI-PM0009 Datasheet
160Kb / 2P
   POWER MODULE
More results

Similar Description - PM0009_15

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SLN10A-5SA BOURNS-SLN10A-5SA Datasheet
246Kb / 2P
   Power Module
logo
Toshiba Semiconductor
MP7003 TOSHIBA-MP7003 Datasheet
157Kb / 7P
   Power Module
logo
Bi technologies
7721-1A BITECH-7721-1A Datasheet
93Kb / 5P
   Power Module
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
   POWER MODULE
IRKT330 IRI-IRKT330 Datasheet
1Mb / 5P
   POWER MODULE
IRKT130 IRI-IRKT130 Datasheet
1Mb / 5P
   POWER MODULE
IRKD40 IRI-IRKD40 Datasheet
2Mb / 4P
   POWER MODULE
logo
Solid States Devices, I...
PM0017 SSDI-PM0017_15 Datasheet
51Kb / 2P
   POWER MODULE
logo
Bourns Electronic Solut...
M20W BOURNS-M20W Datasheet
183Kb / 2P
   Power Module
logo
Insel Rectifier India P...
IRKD500 IRI-IRKD500 Datasheet
782Kb / 4P
   POWER MODULE
IRKD70 IRI-IRKD70 Datasheet
964Kb / 4P
   POWER MODULE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com