Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847BFZ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # BC847BFZ
Description  45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC847BFZ Datasheet(HTML) 5 Page - Diodes Incorporated

  BC847BFZ_15 Datasheet HTML 1Page - Diodes Incorporated BC847BFZ_15 Datasheet HTML 2Page - Diodes Incorporated BC847BFZ_15 Datasheet HTML 3Page - Diodes Incorporated BC847BFZ_15 Datasheet HTML 4Page - Diodes Incorporated BC847BFZ_15 Datasheet HTML 5Page - Diodes Incorporated BC847BFZ_15 Datasheet HTML 6Page - Diodes Incorporated BC847BFZ_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BC847BFZ
Document number: DS37157 Rev. 2 - 2
5 of 7
www.diodes.com
March 2015
© Diodes Incorporated
BC847BFZ
Typical Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
0
1
2
3
4
5
V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 4 Typical Collector Current
vs. Collector-Emitter Voltage
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
I = 2mA
B
I = 0.2mA
B
I = 0.4mA
B
I = 0.6mA
B
I = 0.8mA
B
I = 1.6mA
B
I = 1.4mA
B
I = 1.2mA
B
I = 1.8mA
B
I = 1mA
B
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical DC Current Gain vs. Collector Current
0
50
100
150
200
250
300
350
400
450
T = -55°C
A
T = 25°C
A
T = 100°C
A
T = 150°C
A
V
= 5V
CE
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
I /I = 10
C B
T = 25°C
A
T = 100°C
A
T = 150°C
A
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 7 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
0.01
0.1
1
I /I = 100
C B
I /I = 50
C B
I /I = 20
C B
I /I = 10
C B
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 8 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
V
= 5V
CE
T = 150°C
A
T = 100°C
A
T = 25°C
A
T = -55°C
A
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 9 Typical Base-Emitter Saturation Voltage
vs. Collector Current
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
T = 150°C
A
T = 100°C
A
T = 25°C
A
T = -55°C
A


Similar Part No. - BC847BFZ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BFZ-7B DIODES-BC847BFZ-7B Datasheet
217Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
More results

Similar Description - BC847BFZ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
BC857BFZ DIODES-BC857BFZ_15 Datasheet
480Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
BC857BFZ DIODES-BC857BFZ Datasheet
479Kb / 7P
   45V PNP SMALL SIGNAL TRANSISTOR IN DFN0606
May 2015
MMBT3904FZ DIODES-MMBT3904FZ_15 Datasheet
504Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
MMBT3904FZ DIODES-MMBT3904FZ Datasheet
504Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com