Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4448WSF Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 1N4448WSF
Description  SURFACE MOUNT FAST SWITCHING DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

1N4448WSF Datasheet(HTML) 3 Page - Diodes Incorporated

  1N4448WSF_15 Datasheet HTML 1Page - Diodes Incorporated 1N4448WSF_15 Datasheet HTML 2Page - Diodes Incorporated 1N4448WSF_15 Datasheet HTML 3Page - Diodes Incorporated 1N4448WSF_15 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1N4448WSF
Document number: DS35380 Rev. 3 - 2
3 of 4
www.diodes.com
August 2011
© Diodes Incorporated
1N4448WSF
0
200
025
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Forward Current Derating Curve
A
°
400
Note 4
500
300
100
0.0001
0.001
0.01
0.1
1
0
0.4
0.8
1.2
1.6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 3 Typical Reverse Characteristics
R
0.001
0.01
0.1
1
10
100
0
10
20
30
40
506070
80
90 100
T = 25 C
°
A
T =
C
°
A
-55
T = 5 C
°
A
8
T = 25 C
°
A
1
T =
C
°
A
150
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
0
0.5
1
1.5
110
f = 1MHz
40
Package Outline Dimensions
SOD323F
Dim
Min
Max
Typ
A
0.60
0.75
b
0.25
0.35
c
0.05
0.26
D
1.15
1.35
1.25
E
1.60
1.80
1.70
He
2.30
2.70
2.50
L1
0.30
0.50
0.40
α1
α2
β1
β2
All Dimensions in mm
A
He
E
D
b (2x)
c
L1
β2
β1
α2
α1


Similar Part No. - 1N4448WSF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N4448WSF-7 DIODES-1N4448WSF-7 Datasheet
128Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Yea Shin Technology Co....
1N4448WSFL YEASHIN-1N4448WSFL Datasheet
758Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
1N4448WSFL-A YEASHIN-1N4448WSFL-A Datasheet
821Kb / 3P
   200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Fast Switching Diode
logo
Diodes Incorporated
1N4448WSFQ-7 DIODES-1N4448WSFQ-7 Datasheet
128Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - 1N4448WSF_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W_10 Datasheet
80Kb / 4P
   FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 18 - 2
MMDT2227M DIODES-MMDT2227M_08 Datasheet
140Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Diotech Company.
1SS400 DIOTECH-1SS400 Datasheet
784Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Taiwan Semiconductor Co...
BAS19 TSC-BAS19_07 Datasheet
118Kb / 2P
   Surface Mount Fast Switching Diode
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Guangdong Kexin Industr...
KAV16W KEXIN-KAV16W Datasheet
40Kb / 1P
   Surface Mount Fast Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com