Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4148W-G Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 1N4148W-G
Description  High Speed SMD Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1N4148W-G Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1N4148W-G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1N4148W-G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1N4148W-G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1N4148W-G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIMENSIONS
Min
Max
Min
Max
A
1.40
1.80
0.055
0.071
B
3.55
3.85
0.140
0.152
C
0.45
0.70
0.018
0.028
D
2.55
2.85
0.100
0.112
E
0.95
1.35
0.037
0.053
F
0.05
0.15
0.002
0.006
G
H
-
0.10
-
0.004
SUGGESTED PAD LAYOUT
G
X
X1
Y
Document Number: DS_S1405027
Version: C15
0.90
4.05
0.95
0.035
0.159
0.037
1N4148W-G
Taiwan Semiconductor
DIM.
Unit (mm)
Unit (inch)
0.02 REF
Small Signal Product
Unit (inch)
Min
0.089
0.50 REF
SOD-123
DIM.
Unit (mm)
Min
2.25
B
A
E
D
C
F
G
H


Similar Part No. - 1N4148W-G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
logo
Vishay Siliconix
1N4148W-G VISHAY-1N4148W-G Datasheet
96Kb / 5P
   Small Signal Fast Switching Diode
Rev. 1.2, 08-May-13
1N4148W-G VISHAY-1N4148W-G Datasheet
99Kb / 5P
   Small Signal Fast Switching Diode
08-Feb-17
logo
Taiwan Semiconductor Co...
1N4148W-GRB TSC-1N4148W-GRB Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
1N4148W-GRBG TSC-1N4148W-GRBG Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
More results

Similar Description - 1N4148W-G

ManufacturerPart #DatasheetDescription
logo
Formosa MS
CDSN4148 FORMOSA-CDSN4148 Datasheet
80Kb / 2P
   SMD Switching Diode - High Speed
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148_15 Datasheet
238Kb / 4P
   High Speed SMD Switching Diode
TS4148C TSC-TS4148C Datasheet
199Kb / 1P
   High Speed SMD Switching Diode
1SS400CS TSC-1SS400CS_14 Datasheet
115Kb / 3P
   High Speed SMD Switching Diode
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
   200mW High-Speed Switching SMD Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
   200mW, High-speed switching SMD Diode
LL4148 TSC-LL4148_10 Datasheet
206Kb / 3P
   500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_11 Datasheet
168Kb / 3P
   500mW High Speed SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com