Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1680 Datasheet(PDF) 10 Page - Linear Technology

Part # LT1680
Description  High Power DC/DC Step-Up Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1680 Datasheet(HTML) 10 Page - Linear Technology

Back Button LT1680_15 Datasheet HTML 6Page - Linear Technology LT1680_15 Datasheet HTML 7Page - Linear Technology LT1680_15 Datasheet HTML 8Page - Linear Technology LT1680_15 Datasheet HTML 9Page - Linear Technology LT1680_15 Datasheet HTML 10Page - Linear Technology LT1680_15 Datasheet HTML 11Page - Linear Technology LT1680_15 Datasheet HTML 12Page - Linear Technology LT1680_15 Datasheet HTML 13Page - Linear Technology LT1680_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LT1680
capacitor CSS, the start up delay time to full available
average current will be:
tSS = (1.5)(105)(CSS)
Shutdown Function—Input Undervoltage Detect
and Threshold Hysteresis
The LT1680 RUN/SHDN pin uses a bandgap generated
reference threshold of about 1.25V. This precision thresh-
old allows use of the RUN/SHDN pin for both logic-level
shutdown applications and analog monitoring applica-
tions such as power supply sequencing.
Because an LT1680 controlled converter is a power trans-
fer device, a voltage that is lower than expected on the
input supply could require currents that exceed the sourc-
ing capabilities of that supply, causing the system to lock-
up in an undervoltage state. Input supply start-up protection
can be achieved by enabling the RUN/SHDN pin using a
resistor divider from the input supply to ground. Setting
the divider output to 1.25V when the supply is almost fully
enabled prevents the LT1680 regulator from drawing large
currents until the input supply is able to supply the
required power.
If additional hysteresis is desired for the enable function,
an external feedback resistor can be used from the LT1680
regulator output. If connection to the regulator output is
not desired, the 5VREF internal supply pin can be used.
Figure 3 shows an input supply sequencing configuration
on a 24V input converter. This configuration yields an
enable condition of 90% VIN (~ 21.5V) with about 10%
threshold hysteresis.
The shutdown function can be disabled by connecting the
RUN/SHDN pin to the 12VIN rail. This pin is internally
Figure 3. Input Supply Sequencing Programming
TIMING RESISTOR (k
Ω)
3
7 11 15 19 23 27 31 35 39 43 47
200
180
160
140
120
100
80
60
40
1680 F02
CCT = 0.68nF
CCT = 1nF
CCT = 2.2nF
CCT = 1.5nF
Figure 2. Operating Frequency vs RCT, CCT
Average Current Limit
The average current limit function is implemented using
an external capacitor (CAVG) connected either from the
IAVG pin to the VC pin or from the IAVG pin to SGND. This
capacitor forms a single-pole integrator with the 50k
output impedance of the IAVG pin. Precise integration
frequencies can be determined using a ground reference
integration capacitor using the relation:
f–3dB = (3.2)(10–6)/CAVG
Connecting a capacitor from the IAVG pin to the VC pin uses
an internal gain block to form an active integrator circuit,
minimizing the required capacitance for stable operation.
A typical value for this integration capacitor is 220pF from
IAVG to VC.
Shorting the IAVG pin to SGND will disable the average
current limit function.
Soft Start Programming
The current control pin (VC) limits sensed inductor current
to zero at voltages less than a transistor VBE, to full average
current limit at VC = VBE + 1.8V. This generates a 1.8V full
regulation range for average load current. An internal
voltage clamp forces the VC pin to a VBE – 100mV above
the SS pin voltage. This 100mV “dead zone” assures 0%
duty cycle operation at the start of the soft start cycle or
when the soft start pin is pulled to ground. Given the
typical soft start current of 8
µA and a soft start timing
VIN
24V
16
11
160k
390k
10k
1680 F03
5VREF
RUN/SHDN
LT1680
APPLICATIO S I FOR ATIO


Similar Part No. - LT1680_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1680C LINER-LT1680C Datasheet
322Kb / 16P
   High Power DC/DC Step-Up Controller
LT1680CN LINER-LT1680CN Datasheet
322Kb / 16P
   High Power DC/DC Step-Up Controller
LT1680CSW LINER-LT1680CSW Datasheet
322Kb / 16P
   High Power DC/DC Step-Up Controller
LT1680I LINER-LT1680I Datasheet
322Kb / 16P
   High Power DC/DC Step-Up Controller
LT1680IN LINER-LT1680IN Datasheet
322Kb / 16P
   High Power DC/DC Step-Up Controller
More results

Similar Description - LT1680_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1680 LINER-LT1680 Datasheet
322Kb / 16P
   High Power DC/DC Step-Up Controller
logo
RICOH electronics devic...
R1211N002A RICOH-R1211N002A_06 Datasheet
512Kb / 40P
   STEP-UP DC/DC CONTROLLER
R1211X RICOH-R1211X Datasheet
375Kb / 33P
   Step-up DC/DC Controller
logo
E-CMOS Corporation
EC9215 E-CMOS-EC9215 Datasheet
1Mb / 15P
   Step-up DC/DC Controller
logo
Silicon Standard Corp.
SS6630 SSC-SS6630 Datasheet
616Kb / 13P
   Step-Up DC/DC Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP3601 FOSLINK-FSP3601 Datasheet
336Kb / 14P
   STEP-UP DC/DC CONTROLLER
logo
TECHCODE SEMICONDUCTOR,...
TD8215 TECHCODE-TD8215 Datasheet
1Mb / 16P
   Step-up DC/DC Controller
logo
Asahi Kasei Microsystem...
AP3603 AKM-AP3603 Datasheet
796Kb / 18P
   High Power Dual Output Step-Up DC-DC Controller
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
   High-Efficiency Step-Up DC/DC Controller
logo
SHENZHEN FUMAN ELECTRON...
FM2109 FUMAN-FM2109 Datasheet
419Kb / 11P
   Step-up DC-DC Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com