Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1910 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1910
Description  Protected High Side MOSFET Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1910 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1910_15 Datasheet HTML 6Page - Linear Technology LT1910_15 Datasheet HTML 7Page - Linear Technology LT1910_15 Datasheet HTML 8Page - Linear Technology LT1910_15 Datasheet HTML 9Page - Linear Technology LT1910_15 Datasheet HTML 10Page - Linear Technology LT1910_15 Datasheet HTML 11Page - Linear Technology LT1910_15 Datasheet HTML 12Page - Linear Technology LT1910_15 Datasheet HTML 13Page - Linear Technology LT1910_15 Datasheet HTML 14Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LT1910
11
1910fb
For more information www.linear.com/LT1910
FAULT
IN
V+
SENSE
3
4
8
6
LT1910
R1
5.1k
12V TO 48V
5V
FAULT OUTPUT
INPUT
0V
GND
Q1
IRFZ44
15V
1N4744
1910 F08a
C1
100µF
100V
CT
1µF
RS
0.01
(PTC)
4A
LOAD
+
GATE
TIMER
5
1
2
FAULT
IN
TIMER
V+
SENSE
GATE
3
4
2
8
6
5
LT1910
R1
5.1k
5V
FAULT OUTPUT
INPUT
GND
Q1
IRF630
15V
1N4744
1910 F08b
C1
10µF
50V
CT
1µF
1
RS
0.02
HV
LOAD
51
2N2222
8V TO 24V
HV
+
+
LT1006
51
Figure 8a. Low Side Driver with Load Current Sensing
Figure 8b. Low Side Driver for Source Current Sensing
applicaTions inFormaTion


Similar Part No. - LT1910_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1910ES8 LINER-LT1910ES8 Datasheet
178Kb / 12P
   Protected High Side MOSFET Driver
More results

Similar Description - LT1910_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1910 LINER-LT1910 Datasheet
178Kb / 12P
   Protected High Side MOSFET Driver
LT1161 LINER-LT1161 Datasheet
290Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_06 Datasheet
186Kb / 12P
   Quad Protected High-Side MOSFET Driver
LT1161 LINER-LT1161_15 Datasheet
196Kb / 12P
   Quad Protected High-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
logo
ON Semiconductor
NCV8461 ONSEMI-NCV8461 Datasheet
106Kb / 10P
   Self Protected High Side Driver
December, 2013 ??Rev. 2
NCV8461 ONSEMI-NCV8461_17 Datasheet
108Kb / 10P
   Self Protected High Side Driver
January, 2017 ??Rev. 4
NCV8445 ONSEMI-NCV8445_17 Datasheet
118Kb / 16P
   Self Protected High Side Driver
February, 2017 ??Rev. 3
NCV8450 ONSEMI-NCV8450_15 Datasheet
88Kb / 9P
   Self-Protected High Side Driver
October, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com