Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR25K Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # AR25K
Description  High Current Button Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

AR25K Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  AR25K Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd AR25K Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd AR25K Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd AR25K Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
PART NO.
AR25M
AR25M
(TA=25
oC unless otherwise noted)
Document Number: DS_D1409003
Version: D14
RATINGS AND CHARACTERISTICS CURVES
B0
AR
1,000 / Bulk packing
AR25M B0
B0
AR25M B0G
B0
G
Green compound
AR25x
(Note 1)
G
Note 1: "x" defines voltage from 50V (AR25A) to 1000V (AR25M)
EXAMPLE
PREFERRED P/N
PACKING CODE
PACKING CODE
SUFFIX
DESCRIPTION
ORDERING INFORMATION
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
AR25A thru AR25M
Taiwan Semiconductor
0
10
20
30
40
50
125
135
145
155
165
175
CASE TEMPERATURE(oC)
FIG.1- MAXMUM FORWARD CURRENT DERATING
CURVE
RESISTIVE OR
INDUCTIVE LOAD
10
100
1000
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3- MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2- TYPICAL REVERSE CHARACTERISTICS
TJ=25oC
TJ=125oC
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
FORWARD VOLTAGE (V)
Fig. 4 TYPICAL FORWARD CHARACTERISTICS
PULSE WIDTH-300μs
1% DUTY CYCLE


Similar Part No. - AR25K

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
AR25K WTE-AR25K Datasheet
51Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
logo
Taiwan Semiconductor Co...
AR25K TSC-AR25K Datasheet
77Kb / 2P
   25.0 AMPS. High Current Plastic Silicon Rectifiers
AR25K TSC-AR25K Datasheet
340Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
AR25K TSC-AR25K Datasheet
560Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
logo
HY ELECTRONIC CORP.
AR25K HY-AR25K Datasheet
377Kb / 3P
   High Current Automobile Rectifier
More results

Similar Description - AR25K

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
AR50A TSC-AR50A_14 Datasheet
365Kb / 4P
   High Current Button Rectifiers
AR35A TSC-AR35A_14 Datasheet
364Kb / 4P
   High Current Button Rectifiers
ARS25A TSC-ARS25A_14 Datasheet
364Kb / 4P
   High Current Button Rectifiers
ARS35A TSC-ARS35A_14 Datasheet
364Kb / 4P
   High Current Button Rectifiers
ARS50A TSC-ARS50A_14 Datasheet
364Kb / 4P
   High Current Button Rectifiers
ARS50 TSC-ARS50_10 Datasheet
564Kb / 2P
   50.0 AMPS. High Current Button Rectifiers
AR50 TSC-AR50_10 Datasheet
556Kb / 2P
   50.0 AMPS. High Current Button Rectifiers
ARS25 TSC-ARS25_10 Datasheet
569Kb / 2P
   25.0 AMPS. High Current Button Rectifiers
AR35 TSC-AR35 Datasheet
289Kb / 2P
   35.0 AMPS. High Current Button Rectifiers
AR50 TSC-AR50 Datasheet
290Kb / 2P
   50.0 AMPS. High Current Button Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com