Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGZ10JF Datasheet(PDF) 1 Page - Zowie Technology Corporation

Part # UGZ10JF
Description  ULTRAFAST EFFICIENT RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZOWIE [Zowie Technology Corporation]
Direct Link  http://www.zowie.com.tw
Logo ZOWIE - Zowie Technology Corporation

UGZ10JF Datasheet(HTML) 1 Page - Zowie Technology Corporation

  UGZ10JF Datasheet HTML 1Page - Zowie Technology Corporation UGZ10JF Datasheet HTML 2Page - Zowie Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UGZ10DF THRU UGZ10JF
ULTRAFAST EFFICIENT RECTIFIERS
Reverse Voltage - 200 to 600 Volts
Forward Current - 10 Amperes
FEATURES
MECHANICAL DATA
Case : JEDEC ITO-220AC molded plastic body
Terminals : Plated Leads, solderable per
MIL-STD-750, Method 2026
Polarity : Molded on body
Mounting Position : Any
Weight : 2.24 grams(Approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
o
C ambient temperature
unless otherwise specified.
SYMBOLS
UNITS
Volts
UGZ10GF
UGZ10JF
UGZ10DF
Maximum repetitive peak reverse voltage
VRRM
Working peak reverse voltage
VRWM
Maximum RMS voltage
VRMS
Maximum DC blocking voltage
VDC
400
400
280
400
200
200
140
200
600
600
420
600
Maximum average forward rectified current See Fig. 1
I (AV)
10
Amps
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load (JEDEC Method)
IFSM
150
Amps
Maximum DC reverse current
at rated DC blocking voltage
IR
@TA=25℃
5
uA
Typical junction capacitance (Note 1)
CJ
68
pF
Maximum reverse recovery time (NOTE 3)
trr
35
nS
Typical thermal resistance (Note 2)
RθJC
4.5
℃ / W
Operating temperature range
TJ
-50 to +150
Storage temperature range
TSTG
-65 to +175
Zowie Technology Corporation
REV. 2
*Dimensions in inches and (millimeters)
Maximum instantaneous forward voltage
IF = 10 A, TA=25℃
VF
1.30
1.10
1.70
Volts
Note : 1. Measured at 1.0MHz and applied reverse voltage of 4.0V.
2. Thermal resistance junction to case.
3. Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A
PATENTED
TM
* GPRC (Glass Passivated Rectifier Chip) inside
* Glass passivated cavity-free junction
* Compliance to RoHS product
* Ultrafast recovery time for high efficiency
* Low forward voltage, high current capability
* Low leakage current
* High surge current capability
* Plastic Material-UL Recognition Flammability
Classification 94V-0
ITO-220AC
Pin 1
Case
Pin 2
0.413(10.50)
0.374(9.50)
0.108(2.90)
0.118(3.00)
MIN.
1
2
0.104(2.50)
0.177(4.50)
MAX.
0.043(1.10)
0.019(0.50)
0.213(5.40)
0.181(4.60)
0.055(1.40)
0.039(1.00)
0.130(3.30)
0.091(2.30)
0.193(4.90)
0.165(4.20)
0.031(0.80)
0.138(3.50)
MAX.
0.016(0.40)


Similar Part No. - UGZ10JF

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGZ10JFH ZOWIE-UGZ10JFH Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
More results

Similar Description - UGZ10JF

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
UGZ8DF ZOWIE-UGZ8DF Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ8DFH ZOWIE-UGZ8DFH Datasheet
63Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ10DCFH ZOWIE-UGZ10DCFH Datasheet
66Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ10DCT ZOWIE-UGZ10DCT Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ10DCTH ZOWIE-UGZ10DCTH Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ10DTH ZOWIE-UGZ10DTH Datasheet
85Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ16DCF ZOWIE-UGZ16DCF Datasheet
66Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ16DCTH ZOWIE-UGZ16DCTH Datasheet
64Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ10DFH ZOWIE-UGZ10DFH Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
UGZ20DCTH ZOWIE-UGZ20DCTH Datasheet
65Kb / 2P
   ULTRAFAST EFFICIENT RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com