Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V12W60C-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # V12W60C-M3
Description  Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 3 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V12W60C-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  V12W60C-M3_15 Datasheet HTML 1Page - Vishay Siliconix V12W60C-M3_15 Datasheet HTML 2Page - Vishay Siliconix V12W60C-M3_15 Datasheet HTML 3Page - Vishay Siliconix V12W60C-M3_15 Datasheet HTML 4Page - Vishay Siliconix V12W60C-M3_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
V12W60C-M3
www.vishay.com
Vishay General Semiconductor
Revision: 04-Dec-13
2
Document Number: 89972
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 5 ms
Notes
(1) The heat generated must be less than the thermal conductivity from junction-to-ambient: dPD/dTJ < 1/RJA
(2) Free air, without heatsink
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage per diode
IF = 3 A
TA = 25 °C
VF (1)
0.47
-
V
IF = 6 A
0.52
0.62
IF = 3 A
TA = 125 °C
0.38
-
IF = 6 A
0.47
0.58
Reverse current per diode
VR = 60 V
TA = 25 °C
IR (2)
-3500
μA
TA = 125 °C
9
27
mA
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V12W60C
UNIT
Typical thermal resistance
per diode
RJC
2.8
°C/W
per device
1.4
per device
RJA (1) (2)
65
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
V12W60C-M3/I
0.38
I
2500/reel
13" diameter plastic tape and reel
0
2
4
6
8
10
12
14
0
255075
100
125
150
Case Temperature (
°C)
TA ,RthJA=65oC/W
RthJA=RthJC=1.4oC/W
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
1
23
45
67
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 1.0
D = 0.8
D = tp/T
T
tp


Similar Part No. - V12W60C-M3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V12W60C-M3 VISHAY-V12W60C-M3_15 Datasheet
116Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
More results

Similar Description - V12W60C-M3_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBT1080C-M3 VISHAY-VBT1080C-M3 Datasheet
89Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.49 V at IF = 3 A
Revision: 14-May-13
V40100C VISHAY-V40100C Datasheet
167Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
Revision: 26-May-08
V40100C VISHAY-V40100C_15 Datasheet
138Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
Revision: 16-Aug-13
VT3060C-E3 VISHAY-VT3060C-E3 Datasheet
157Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
Revision: 15-Dec-16
VB40100C-M3 VISHAY-VB40100C-M3 Datasheet
91Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.38 V at IF = 5 A
Revision: 03-Jan-17
VT4060C-E3 VISHAY-VT4060C-E3 Datasheet
134Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
Revision: 15-Dec-16
VBT3080C-M3 VISHAY-VBT3080C-M3 Datasheet
89Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.46 V at IF = 5 A
Revision: 14-May-13
VBT4060C-M3 VISHAY-VBT4060C-M3 Datasheet
88Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
Revision: 03-Jan-17
VFT4060C-E3 VISHAY-VFT4060C-E3 Datasheet
88Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
Revision: 22-Nov-13
VT30L60C-E3 VISHAY-VT30L60C-E3 Datasheet
134Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.32 V at IF = 5.0 A
Revision: 15-Dec-16
VT2080C-E3 VISHAY-VT2080C-E3 Datasheet
158Kb / 6P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.52 V at IF = 5 A
Revision: 14-Dec-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com