Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1038 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1038
Description  10Amp Positive Adjustable Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1038 Datasheet(HTML) 8 Page - Linear Technology

  LT1038 Datasheet HTML 1Page - Linear Technology LT1038 Datasheet HTML 2Page - Linear Technology LT1038 Datasheet HTML 3Page - Linear Technology LT1038 Datasheet HTML 4Page - Linear Technology LT1038 Datasheet HTML 5Page - Linear Technology LT1038 Datasheet HTML 6Page - Linear Technology LT1038 Datasheet HTML 7Page - Linear Technology LT1038 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LT1038
8
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2000
1038fa LT/TP 0701 1.5K REV A • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1084
Low Dropout, 0.01% Load Regulation
7.5A Max Current Output
LT1581
Low Dropout, 430mV at 10A
Best Replacement
LT1584
Low Dropout, 0.05% Load Regulation
7A Max Current Output
LT1585
Low Dropout, 0.05% Load Regulation
5A Max Current Output
Lamp Flasher
Automatic Light Control
Protected High Current Lamp Driver
TYPICAL APPLICATIO S
VIN
LT1038
ADJ
VOUT
+
OFF
12k
12k
12k
1k
10
µF
1
µF
+
10
µF
+
10
µF
15V
12V
2N3904
1039 TA10
LT1038
ADJ
1039 TA11
1.2k
VIN
VOUT
LT1038
ADJ
1039 TA12
15V
TTL OR
CMOS
10k
12V
10A
VIN
VOUT
PACKAGE DESCRIPTIO
K Package
2-Lead TO-3 Metal Can
(60mil Diameter Leads)
(LTC DWG # 05-08-1312)
Dimensions in inches (millimeters) unless otherwise noted.
K2(TO-3) 1098
0.058 – 0.062
(1.47 – 1.57)
0.320 – 0.350
(8.13 – 8.89)
0.420 – 0.480
(10.67 – 12.19)
0.760 – 0.775
(19.30 – 19.69)
0.490 – 0.510
(12.45 – 12.95)
R
0.167 – 0.177
(4.24 – 4.49)
R
0.151 – 0.161
(3.86 – 4.09)
DIA, 2 PLACES
1.177 – 1.197
(29.90 – 30.40)
0.655 – 0.675
(16.64 – 17.15)
0.067 – 0.077
(1.70 – 1.96)
0.210 – 0.220
(5.33 – 5.59)
0.425 – 0.435
(10.80 – 11.05)
0.060 – 0.135
(1.524 – 3.429)
OBSOLETE PACKAGE


Similar Part No. - LT1038

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1038 LINER-LT1038 Datasheet
173Kb / 8P
   10A Positive Adjustable Voltage Regulator
LT1038 LINER-LT1038_15 Datasheet
173Kb / 8P
   10A Positive Adjustable Voltage Regulator
More results

Similar Description - LT1038

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
   Positive Adjustable Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
Seme LAB
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com