Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1038 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1038
Description  10Amp Positive Adjustable Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1038 Datasheet(HTML) 5 Page - Linear Technology

  LT1038 Datasheet HTML 1Page - Linear Technology LT1038 Datasheet HTML 2Page - Linear Technology LT1038 Datasheet HTML 3Page - Linear Technology LT1038 Datasheet HTML 4Page - Linear Technology LT1038 Datasheet HTML 5Page - Linear Technology LT1038 Datasheet HTML 6Page - Linear Technology LT1038 Datasheet HTML 7Page - Linear Technology LT1038 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LT1038
5
APPLICATIO S I FOR ATIO
General
The LT1038 develops a 1.25V reference voltage between
the output and the adjustment terminal (see Figure 1). By
placing a resistor, R1, between these two terminals, a
constant current is caused to flow through R1 and down
through R2 to set the overall output voltage. Normally this
current is the specified minimum load current of 10mA or
20mA. Because IADJ is very small and constant when
compared with the current through R1, it represents a
small error and can usually be ignored.
Bypass Capacitors
Input bypassing using a 1
µF tantalum or 25µF electrolytic
is recommended when the input filter capacitors are more
than 5 inches from the device. Improved ripple rejection
(80dB) can be accomplished by adding a 10
µF capacitor
from the ADJ pin to ground. Increasing the size of the
capacitor to 20
µF will help ripple rejection at low output
voltage since the reactance of this capacitor should be
small compared to the voltage setting resistor, R2. For
improved AC transient response and to prevent the possi-
bility of oscillation due to unknown reactive load, a 1
µF
capacitor is also recommended at the output. Because of
their low impedance at high frequencies, the best type of
capacitor to use is solid tantalum.
Protection Diodes
The LT1038 does not require a protection diode from the
adjustment terminal to the output (see Figure 2). Im-
proved internal circuitry eliminates the need for this diode
when the adjustment pin is bypassed with a capacitor to
improve ripple rejection.
If a very large output capacitor is used, such as a 100
µF
shown in Figure 2, the regulator could be damaged or
destroyed if the input is accidentally shorted to ground or
crowbarred, due to the output capacitor discharging into
the output terminal of the regulator. To prevent this, a
diode, D1 as shown, is recommended to safely discharge
the capacitor.
Load Regulation
Because the LT1038 is a three-terminal device, it is not
possible to provide true remote load sensing. Load regu-
lation will be limited by the resistance of the wire connect-
ing the regulator to the load. The data sheet specification
for load regulation is measured at the bottom of the
package. Negative side sensing can be a true Kelvin
connection if the bottom of resistor R2 is returned to the
negative side of the load. Although it may not be immedi-
ately obvious, best load regulation is obtained when the
top of the resistor divider, R1, is connected
directly to the
case,
not to the load. This is illustrated in Figure 3. If R1
were connected to the load, the effective resistance be-
tween the regulator and the load would be:
R
RR
R
p
21
1
+


Rp = Parasitic Line Resistance
Connected as shown, Rp is not multiplied by the divider
ratio. Rp is about 0.004Ω per foot using 16 gauge wire.
This translates to 4mV/ft at 1A load current, so it is
important to keep the lead between the regulator and the
load as short as possible, and use large wire or PC board
traces.
Figure 1. Basic Adjustable Regulator
Figure 2
Figure 3. Connections for
Best Load Regulation
VIN
LT1038
ADJ
VOUT
VREF
VIN
VOUT
R1
R2
IADJ
50
µA
VOUT = VREF (1 +
) + IADJ R2
R2
R1
1038 F01
LT1038
ADJ
+
+
VIN
VOUT
R1
R2
1038 F02
CADJ
10
µF
COUT
100
µF
*NOT NEEDED
*
D1
1N4002
VIN
VOUT
R1
RL
R2
LT1038
ADJ
VIN
1038 F03
CONNECT R2
TO LOAD
CONNECT
R1 TO CASE
Rp
PARASITIC
LINE RESISTANCE
VIN
VOUT


Similar Part No. - LT1038

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1038 LINER-LT1038 Datasheet
173Kb / 8P
   10A Positive Adjustable Voltage Regulator
LT1038 LINER-LT1038_15 Datasheet
173Kb / 8P
   10A Positive Adjustable Voltage Regulator
More results

Similar Description - LT1038

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
   Positive Adjustable Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
Seme LAB
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com