Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT1038 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1038
Description  10Amp Positive Adjustable Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1038 Datasheet(HTML) 6 Page - Linear Technology

  LT1038 Datasheet HTML 1Page - Linear Technology LT1038 Datasheet HTML 2Page - Linear Technology LT1038 Datasheet HTML 3Page - Linear Technology LT1038 Datasheet HTML 4Page - Linear Technology LT1038 Datasheet HTML 5Page - Linear Technology LT1038 Datasheet HTML 6Page - Linear Technology LT1038 Datasheet HTML 7Page - Linear Technology LT1038 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LT1038
6
TYPICAL APPLICATIO S
Paralleling Regulators
10A Variable Regulator*
R1
120
R2
LT1038
ADJ
VIN
1038 TA03
LT1038
ADJ
* THE #18 WIRE ACTS AS
BALLAST RESISTANCE
INSURING CURRENT SHARING
BETWEEN BOTH DEVICES
2 FEET #18 WIRE*
VOUT = 1.25 (1 +
)
IOUT = 0A TO 20A
R2
R1
VIN
VOUT
VIN
VOUT
0.015
110V AC
+
+
+
+
LT1038
ADJ
1N4003
C1
50,000
µF
+
0V TO 35V
0A TO 10A
750
Ω* 1.5k
100
µF
20k
OUTPUT
ADJUST
LT1004-1.2
LT1004-1.2
LT1004-2.5
2.7k
–15V
–15V
–15V
15V
15V
–15V
15V
15V
16k*
16k*
11k*
11k*
L
1MHz
T1
TRIAD
F-269U
1N4003
1N4003
1N4148
C30B
C30B
20
20
82k
10k
LT1011
LT1011
LM301A
7
6
7
7
4
4
4
8
8
8
3
3
3
2
2
2
1
1
1
15k
15k
10k
NC
0.1
µF
1
µF
1
µF
200k
2N3904
100pF
560
12
34
T2
*1% FILM RESISTOR
L-DALE TO-5 TYPE
T2-STANCOR 11Z-2003
GENERAL PURPOSE REGULATOR WITH SCR PREREGULATOR TO LOWER
POWER DISSIPATION. ABOUT 4V DIFFERENTIAL IS MAINTAINED ACROSS
THE LT1038 INDEPENDENT OF OUTPUT VOLTAGE AND LOAD CURRENT.
1038 TA04
VIN
VOUT


Similar Part No. - LT1038

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1038 LINER-LT1038 Datasheet
173Kb / 8P
   10A Positive Adjustable Voltage Regulator
LT1038 LINER-LT1038_15 Datasheet
173Kb / 8P
   10A Positive Adjustable Voltage Regulator
More results

Similar Description - LT1038

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
   Positive Adjustable Voltage Regulator
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Seme LAB
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
   Positive Adjustable Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM317L HTC-LM317L Datasheet
93Kb / 3P
   ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
logo
Seme LAB
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
   POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com