Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1200F Datasheet(PDF) 7 Page - Leshan Radio Company

Part # R1200F
Description  Fast Switching High Voltage Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

R1200F Datasheet(HTML) 7 Page - Leshan Radio Company

  R1200F_15 Datasheet HTML 1Page - Leshan Radio Company R1200F_15 Datasheet HTML 2Page - Leshan Radio Company R1200F_15 Datasheet HTML 3Page - Leshan Radio Company R1200F_15 Datasheet HTML 4Page - Leshan Radio Company R1200F_15 Datasheet HTML 5Page - Leshan Radio Company R1200F_15 Datasheet HTML 6Page - Leshan Radio Company R1200F_15 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Unit:mm
注: 52编带# 为DO-201AD编带规格
Remark: 52 tape# is DO-201AD taping spec.
4. 编带图形及规格/Taping Specification
R
<1.0
H
 6±1.0
P
 5±0.5
尺寸代号
T
>3.2
>3.2
>3.2
<1.0
<1.0
Z
<1.2
<1.2
<1.2
 6±1.0
 6±1.0
L1-L2
<1.0
<1.2
<1.2
 5±0.5
 10±0.5
W
26 0.0/+1.6
52 -1.0/+2.0
52 -1.0/+2.0
编带尺寸/Tape Dimension
Dimension Code
26/tape
52/tape
52/tape#
LESHAN RADIO COMPANY, LTD.


Similar Part No. - R1200F_15

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
R1200F GOOD-ARK-R1200F_15 Datasheet
122Kb / 2P
   High Voltage Fast Recovery RectifiersReverse Voltage 1200 to 2000 Volts Forward Current 0.2 to 0.5 Ampere
logo
Galaxy Semi-Conductor H...
R1200F BILIN-R1200F_15 Datasheet
287Kb / 2P
   HIGH VOLTAGE RECTIFIERS
More results

Similar Description - R1200F_15

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
HV3 DIOTEC-HV3_07 Datasheet
98Kb / 2P
   Fast Switching High Voltage Si-Rectifiers
HV1.5 DIOTEC-HV1.5 Datasheet
64Kb / 2P
   Fast Switching High Voltage Si-Rectifiers
DD300 DIOTEC-DD300 Datasheet
127Kb / 2P
   Fast Switching High Voltage Si-Rectifiers
logo
Leshan Radio Company
HF1200G LRC-HF1200G Datasheet
314Kb / 7P
   Fast Switching High Voltage Rectifiers Reverse Voltage 1200V
logo
Diotec Semiconductor
HV2.3SMA DIOTEC-HV2.3SMA Datasheet
100Kb / 2P
   Fast Switching Surface Mount High Voltage Si-Rectifiers
logo
STMicroelectronics
BULD742C STMICROELECTRONICS-BULD742C Datasheet
316Kb / 12P
   High voltage fast-switching
BUL742CFP STMICROELECTRONICS-BUL742CFP Datasheet
249Kb / 11P
   High voltage fast-switching
logo
Comset Semiconductor
BUX98 COMSET-BUX98_12 Datasheet
79Kb / 3P
   HIGH VOLTAGE FAST SWITCHING
BUX98 COMSET-BUX98 Datasheet
130Kb / 3P
   HIGH VOLTAGE FAST SWITCHING
logo
Seme LAB
BUX98A SEME-LAB-BUX98A Datasheet
18Kb / 2P
   HIGH VOLTAGE FAST SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com