Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54A-D0RFG Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # BAT54A-D0RFG
Description  230mW SMD Schottky Barrier Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAT54A-D0RFG Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  BAT54A-D0RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAT54A-D0RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd BAT54A-D0RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd BAT54A-D0RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd BAT54A-D0RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PART NO.
BAT54
BAT54A
BAT54C
BAT54S
BAT54
BAT54A
BAT54C
BAT54S
PART NO.
BAT54A
BAT54A
BAT54A
BAT54A
BAT54A
BAT54A
BAT54A
BAT54A
Document Number: DS_S1404001
BAT54 / A / C / S
Taiwan Semiconductor
Small Signal Product
ORDERING INFORMATION
PACKING
CODE
MANUFACTURE
CODE
GREEN
COMPOUND
CODE
PACKAGE
PACKING
MARKING
RF
(Note)
SOT-23
3K / 7" Reel
KL1
RF
SOT-23
3K / 7" Reel
KL2
RF
SOT-23
3K / 7" Reel
KL3
RF
SOT-23
3K / 7" Reel
KL4
RF
G
SOT-23
3K / 7" Reel
KL1
RF
G
SOT-23
3K / 7" Reel
KL2
RF
G
SOT-23
3K / 7" Reel
KL3
RF
G
SOT-23
3K / 7" Reel
KL4
Note: Manufacture special control, if empty means no special control requirement.
EXAMPLE
PREFERRED P/N
MANUFACTURE
CODE
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
BAT54A RF
RF
BAT54A-B0 RF
B0
RF
G
Green compound
BAT54A-D0 RF
D0
RF
BAT54A-M0 RF
M0
RF
G
Green compound
BAT54A RFG
RF
G
Green compound
BAT54A-B0 RFG
B0
RF
Version: E14
BAT54A-D0 RFG
D0
RF
G
Green compound
BAT54A-M0 RFG
M0
RF


Similar Part No. - BAT54A-D0RFG

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54A-13-F DIODES-BAT54A-13-F Datasheet
278Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Nanjing International G...
BAT54A-200MA-SOT-23 DGNJDZ-BAT54A-200MA-SOT-23 Datasheet
608Kb / 2P
   SOT-23 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
BAT54A-7 DIODES-BAT54A-7 Datasheet
68Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 12 - 2
BAT54A-7-F DIODES-BAT54A-7-F Datasheet
262Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 21 - 2
BAT54A-7-F DIODES-BAT54A-7-F Datasheet
95Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11005 Rev. 25 - 2
More results

Similar Description - BAT54A-D0RFG

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBU0230 COMCHIP-CDBU0230 Datasheet
66Kb / 2P
   SMD Schottky Barrier Diode
CDBS0130 COMCHIP-CDBS0130 Datasheet
61Kb / 2P
   SMD Schottky Barrier Diode
CDBUR0140L-HF COMCHIP-CDBUR0140L-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBUR0230L-HF COMCHIP-CDBUR0230L-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
ACDBCT320-HF COMCHIP-ACDBCT320-HF Datasheet
129Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0540-HF COMCHIP-CDBFR0540-HF Datasheet
123Kb / 4P
   SMD Schottky Barrier Diode
CDBFR0320-HF COMCHIP-CDBFR0320-HF Datasheet
125Kb / 4P
   SMD Schottky Barrier Diode
CDBFR00340-HF COMCHIP-CDBFR00340-HF Datasheet
126Kb / 4P
   SMD Schottky Barrier Diode
CDBS120-HF COMCHIP-CDBS120-HF Datasheet
184Kb / 4P
   SMD Schottky Barrier Diode
CDBUR40-HF COMCHIP-CDBUR40-HF Datasheet
124Kb / 4P
   SMD Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com