Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD75108A Datasheet(PDF) 6 Page - NEC

Part # UPD75108A
Description  4-BIT SINGLE-CHIP MICROCOMPUTER
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD75108A Datasheet(HTML) 6 Page - NEC

Back Button UPD75108A Datasheet HTML 2Page - NEC UPD75108A Datasheet HTML 3Page - NEC UPD75108A Datasheet HTML 4Page - NEC UPD75108A Datasheet HTML 5Page - NEC UPD75108A Datasheet HTML 6Page - NEC UPD75108A Datasheet HTML 7Page - NEC UPD75108A Datasheet HTML 8Page - NEC UPD75108A Datasheet HTML 9Page - NEC UPD75108A Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
µPD75104A, 75108A
6
1.
PIN CONFIGURATION (TOP VIEW)
• 64-Pin Plastic QFP (
14 mm)
P00-P03
: Port 0
SCK
: Serial Clock Input/Output
P10-P13
: Port 1
SO
: Serial Output
P20-P23
: Port 2
SI
: Serial Input
P30-P33
: Port 3
PTO0, PTO1
: Timer Output
P40-P43
: Port 4
PCL
: Clock Output
P50-P53
: Port 5
PTH00-PTH03
: Comparator Input
P60-P63
: Port 6
INT0, INT1, INT4
: External Vector Interrupt Input
P70-P73
: Port 7
INT2, INT3
: External Test Input
P80-P83
: Port 8
TI0, TI1
: Timer Input
P90-P93
: Port 9
X1, X2
: Oscillation Pin
P120-P123 : Port 12
RESET
: Reset Input
P130-P133 : Port 13
NC
: No Connection
P140-P143 : Port 14
VDD
: Positive Power Supply
VSS
: GND
VSS
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
P83
P82
P81
P80
P93
P92
P91
P90
P13/INT3
P12/INT2
P11/INT1
P10/INT0
PTH03
PTH02
PTH01
P41
P42
P43
P30
P31
P32
P33
NC
P140
P141
P142
P143
P130
P131
P132


Similar Part No. - UPD75108A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD75108AGC-XXX-AB8 RENESAS-UPD75108AGC-XXX-AB8 Datasheet
544Kb / 68P
   MOS INTEGRATED CIRCUIT
1989
More results

Similar Description - UPD75108A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com