Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP0045E Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # FP0045E
Description  POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

FP0045E Datasheet(HTML) 2 Page - Solid States Devices, Inc

  FP0045E_15 Datasheet HTML 1Page - Solid States Devices, Inc FP0045E_15 Datasheet HTML 2Page - Solid States Devices, Inc FP0045E_15 Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: FP0045E
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4470 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFF60P05M
SFF60P05Z
Electrical Characteristics 4/
Symbol
Min
Typ
Max
Units
Drain to Source Breakdown Voltage
(VGS = 0V, ID = 250A)
BVDSS
-50
-70
––
Volts
Drain to Source On State Resistance
(VGS = -10V, ID = 60A)
RDS(on)1
––
0.021
0.033
Drain to Source On State Resistance
(VGS = -10V, ID = 30A)
RDS(on)2
––
0.021
––
Gate Threshold Voltage
(VDS = VGS, ID = -250A)
VGS(th)
-2.0
-2.8
-4.0
Volts
Forward Transconductance
(VDS > ID(on) x RDS(on) Max, IDs = 50% of Rated ID)
gfs
––
50
––
S
Zero Gate Voltage Drain Current
(VDS = 50 V, VGS = 0V)
(VDS = 40 V, VGS = 0V)
TA = 25
oC
TA = 125
oC
IDSS
––
––
0.005
––
1
50
A
Gate to Source Leakage (For
Gate to Source Leakage
At Rated VGS
IGSS
––
––
-10
10
-100
100
A
Total Gate Charge
Gate to Source Charge
Gate to Drain Charge
VGS = -10V
VDD = 40V
ID = 60A
Qg
Qgs
Qgd
––
––
––
200
20
80
300
50
125
nC
Turn on Delay Time
Rise Time
Turn off Delay Time
Fall Time
VDD = 25 V
ID = 30 A
RL = 6.2
t(on)
td(on)
tr
––
––
––
––
40
20
125
––
––
ns
t(off)
td(off)
tf
––
––
––
––
90
60
225
––
––
Diode Forward Voltage
IS = Rated ID
VGS = 0V
TJ = 25ºC
VSD
––
-1.3
-1.9
Volts
Diode Reverse Recovery Time
IF = 10A
di/dt = 100A/usec
trr
Qrr
––
––
140
––
200
––
ns
C
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS = 0V
VDS = -25V
f = 1 MHz
Ciss
Coss
Crss
––
––
––
6000
1800
500
––
––
––
pF


Similar Part No. - FP0045E_15

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FP0045E SSDI-FP0045E Datasheet
88Kb / 3P
   P-Channel POWER MOSFET
More results

Similar Description - FP0045E_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com