Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3999 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3999
Description  Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3999 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3999_15 Datasheet HTML 7Page - Linear Technology LT3999_15 Datasheet HTML 8Page - Linear Technology LT3999_15 Datasheet HTML 9Page - Linear Technology LT3999_15 Datasheet HTML 10Page - Linear Technology LT3999_15 Datasheet HTML 11Page - Linear Technology LT3999_15 Datasheet HTML 12Page - Linear Technology LT3999_15 Datasheet HTML 13Page - Linear Technology LT3999_15 Datasheet HTML 14Page - Linear Technology LT3999_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LT3999
11
3999fa
For more information www.linear.com/LT3999
APPLICATIONS INFORMATION
Output Voltage Regulation
The output voltage of the DC transformer topology is
unregulated. Variations in the input voltage will cause
the output voltage to vary because the output voltage is
a function of the input voltage and the transformer turn
ratio. Also, variations in the output load will cause the
output voltage to change because of circuit parasitics,
such as the transformer DC resistance and power switch
on resistance. If regulation is necessary, a post regulator
such as a linear regulator can be added to the output of
the supply. See the Typical Applications for examples of
adding a linear regulator.
Power Consideration
The current derived from the VIN pin and the SWA and
SWB switching currents are the sources of the LT3999
power dissipation. The power dissipation is the sum of:
1) The quiescent current and switch drive power
dissipation:
PVIN = VIN
ISW •DC
30
+4mA


where ISW is the average switch current.
2) Theconductingpowerdissipationoftheswitchesduring
on state:
PVCESAT = VCESAT • ISW • 2DC
where DC is the duty cycle and VCESAT is the collector
to emitter voltage drop during the switch saturation.
3) The dynamic power dissipation due to the switching
transitions:
PSW = VIN • ISW • fOSC • (tr + tf)
where tr and tf are the rise and fall times.
The junction temperature is computed as:
TJ = TAMB + PD • θJA
where:
PD = PVIN + PVCESAT + PSW and θJA is the package
thermal resistance.
Layout Consideration Check List
The following is a list of recommended layout consider-
ations:
• Locate the bypass capacitor on the VIN pin of the trans-
former close to the transformer.
• Create a solid GND plane, preferably on layer two of
the PCB.
• Use short wide traces to connect to the transformer.
• The transformer and PCB routing should be care-
fully designed to maximize the symmetry between two
switching half cycles.
• SoldertheLT3999exposedpadtothePCB.Addmultiple
vias to connect the exposed pad to the GND plane.
More Help
AN70: “A Monolithic Switching Regulator with 100mV
Output Noise” contains much information concerning
applications and noise measurement techniques.


Similar Part No. - LT3999_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3999 LINER-LT3999 Datasheet
308Kb / 16P
   Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
More results

Similar Description - LT3999_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3999 LINER-LT3999 Datasheet
308Kb / 16P
   Low Noise, 1A, 1MHz Push-Pull DC/DC Driver with Duty Cycle Control
logo
Texas Instruments
SN6507 TI-SN6507 Datasheet
1Mb / 34P
[Old version datasheet]   SN6507 Low-Emission 36V Push-Pull Transformer Driver with Duty Cycle Control for Isolated Power Supplies
MARCH 2022
logo
Linear Technology
LT1683 LINER-LT1683 Datasheet
237Kb / 24P
   Ultralow Noise Push-Pull DC/DC Controller
logo
Maxim Integrated Produc...
MAX887 MAXIM-MAX887 Datasheet
146Kb / 12P
   100% Duty Cycle, Low-Noise, Step-Down, PWM DC-DC Converter
logo
Linear Technology
LT1683 LINER-LT1683_15 Datasheet
414Kb / 26P
   Slew Rate Controlled Ultralow Noise Push-Pull DC/DC Controller
logo
Advanced Analogic Techn...
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
logo
Vishay Siliconix
SI9124 VISHAY-SI9124 Datasheet
172Kb / 16P
   500-kHz Push-Pull DC-DC Converter With Integrated Secondary Synchronous Rectification Control
Rev. B, 20-Mar-03
logo
Maxim Integrated Produc...
MAX1763 MAXIM-MAX1763 Datasheet
456Kb / 16P
   1.5A, Low-Noise, 1MHz, Step-Up DC-DC Converter
19-1698; Rev 1; 2/01
MAX1760 MAXIM-MAX1760_07 Datasheet
516Kb / 14P
   0.8A, Low-Noise, 1MHz, Step-Up DC-DC Converter
Rev 3; 1/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com