Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCX69 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BCX69
Description  SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCX69 Datasheet(HTML) 1 Page - Diodes Incorporated

  BCX69_15 Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 PNP SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 2 – FEBRUARY 1995
7
FEATURES
*
High gain and low saturation voltages
COMPLEMENTARY TYPE –
BCX68
PARTMARKING DETAIL –
BCX69
– CJ
BCX69-16 – CG
BCX69-25 – CH
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-25
V
Collector-Emitter Voltage
VCEO
-20
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
CONDITIONS.
Collector-Base
Breakdown voltage
V(BR)CBO
-25
V
IC =-100
µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-20
V
IC =-10mA
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
V
IE =-100µA
Collector Cut-Off
Current
ICBO
-0.1
-10
µA
µA
VCB =-25V
VCB =-25V, Tamb =150°C
Emitter Cut-Off Current
IEBO
-10
µA
VEB =-5V
Collector-Emitter
Saturation Voltage
VCE(sat)
-0.5
V
IC =-1A, IB =-100mA
Base-Emitter Turn-On
Voltage
VBE(on)
-1.0
V
IC =-1A, VCE =-1V
Static Forward Current
Transfer Ratio
hFE
BCX69-16
BCX69-25
50
85
60
100
160
250
375
250
400
IC =-5mA, VCE =-1V
IC =-500mA, VCE =-1V
IC =-1A, VCE =-1V*
IC =-500mA, VCE =-1V*
IC =-500mA, VCE =-1V
Transition Frequency
fT
100
MHz
IC =-100mA, VCE =-5V,
f=100MHz
Output Capacitance
Cobo
25
pF
VCB =-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
For typical characteristics graphs see FMMT549 datasheet.
BCX69
C
C
B
E
SOT89
3 - 37


Similar Part No. - BCX69_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BCX69 KEXIN-BCX69_15 Datasheet
1Mb / 4P
   PNP Transistors
More results

Similar Description - BCX69_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSR30 DIODES-BSR30 Datasheet
26Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
JUNE 1996
FCX591 DIODES-FCX591 Datasheet
40Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
FCX589 DIODES-FCX589 Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM
logo
List of Unclassifed Man...
FCX591TA ETC-FCX591TA Datasheet
40Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
logo
Diodes Incorporated
FCX589 DIODES-FCX589_15 Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
FCX589TA DIODES-FCX589TA Datasheet
33Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER HIGH PERFORMANCE TRANSISTOR
FCX591A DIODES-FCX591A Datasheet
199Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
FCX591A DIODES-FCX591A_15 Datasheet
293Kb / 7P
   40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
logo
Zetex Semiconductors
BSR31 ZETEX-BSR31 Datasheet
16Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
BCX53-16 ZETEX-BCX53-16 Datasheet
28Kb / 1P
   SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com